Electronic Components Datasheet Search
  English  ▼

X  

LT1055MH Datasheet(PDF) 2 Page - Linear Technology

Part # LT1055MH
Description  Precision, High Speed, JFET Input Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1055MH Datasheet(HTML) 2 Page - Linear Technology

  LT1055MH Datasheet HTML 1Page - Linear Technology LT1055MH Datasheet HTML 2Page - Linear Technology LT1055MH Datasheet HTML 3Page - Linear Technology LT1055MH Datasheet HTML 4Page - Linear Technology LT1055MH Datasheet HTML 5Page - Linear Technology LT1055MH Datasheet HTML 6Page - Linear Technology LT1055MH Datasheet HTML 7Page - Linear Technology LT1055MH Datasheet HTML 8Page - Linear Technology LT1055MH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1055/LT1056
Supply Voltage ......................................................
±20V
Differential Input Voltage .......................................
±40V
Input Voltage .........................................................
±20V
Output Short-Circuit Duration .......................... Indefinite
Operating Temperature Range
LT1055AM/LT1055M/LT1056AM/
LT1056M ......................................... –55
°C to 125°C
LT1055AC/LT1055C/LT1056AC/
LT1056C ................................................ 0
°C to 70°C
Storage Temperature Range
All Devices ...................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LT1055CN8
LT1056CN8
LT1055M/LT1056M
LT1055CH/LT1056CH
LT1055CN8/LT1056CN8
LT1055AM/LT1056AM
LT1055AC/LT1056AC
VS = ±15V, TA = 25°C, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Consult factory for Industrial grade parts.
1
2
3
4
8
7
6
5
TOP VIEW
BAL
–IN
+IN
V –
N/C
V +
OUT
BAL
N8 PACKAGE
8-LEAD PLASTIC DIP
TJMAX = 100°C, θJA = 130°C/ W
LT1056ACH
LT1056CH
LT1056AMH
LT1056MH
LT1055ACH
LT1055CH
LT1055AMH
LT1055MH
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note1)
LT1055 H Package
—
50
150
—
70
400
µV
LT1056 H Package
—
50
180
—
70
450
µV
LT1055 N8 Package
—
—
—
—
120
700
µV
LT1056 N8 Package
—
—
—
—
140
800
µV
IOS
Input Offset Current
Fully Warmed Up
—
2
10
—
2
20
pA
IB
Input Bias Current
Fully Warmed Up
—
±10
±50
—
±10
±50
pA
VCM = 10V
—
30
130
—
30
150
pA
Input Resistance:Differential
—
1012
——
1012
—
Ω
Common Mode
VCM = – 11V to 8V
—
1012
——
1012
—
Ω
VCM = 8V to 11V
—
1011
——
1011
—
Ω
Input Capacitance
—
4
—
—
4
—
pF
en
Input Noise Voltage
0.1Hz to 10Hz
LT1055
—
1.8
—
—
2.0
—
µVP-P
LT1056
—
2.5
—
—
2.8
—
µVP-P
Input Noise Voltage Density
f0 = 10Hz (Note 2)
—
28
50
—
30
60
nV/
√Hz
f0 = 1kHz (Note 3)
—
14
20
—
15
22
nV/
√Hz
In
Input Noise Current Density
f0 = 10Hz, 1kHz (Note 4)
—
1.8
4
—
1.8
4
fA/
√Hz
AVOL
Large-Signal Voltage Gain
V0 = ±10V
RL = 2k
150
400
—
120
400
—
V/mV
RL = 1k
130
300
—
100
300
—
V/mV
Input Voltage Range
±11
±12
—
±11
±12
—
V
CMRR
Common-Mode Rejection Ratio
VCM = ±11V
86
100
—
83
98
—
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
90
106
—
88
104
—
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±13.2
—
±12
±13.2
—
V
SR
Slew Rate
LT1055
10
13
—
7.5
12
—
V/
µs
LT1056
12
16
—
9.0
14
—
V/
µs
GBW
Gain-Bandwidth Product
f = 1MHz
LT1055
—
5.0
—
—
4.5
—
MHz
LT1056
—
6.5
—
—
5.5
—
MHz
IS
Supply Current
LT1055
—
2.8
4.0
—
2.8
4.0
mA
LT1056
—
5.0
6.5
—
5.0
7.0
mA
Offset Voltage Adjustment Range
RPOT = 100k
—
±5—
—
±5—
mV
TOP VIEW
NC
BALANCE
OUT
BALANCE
+IN
V –
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
–IN
V +
TJMAX = 150°C, θJA = 150°C/ W, θJC = 45°C/ W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com