Electronic Components Datasheet Search
  English  ▼

X  

74HC02 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC02
Description  Quad 2-input NOR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC02 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
74HC02; 74HCT02
Quad 2-input NOR gate
Rev. 8 — 9 February 2023
Product data sheet
1. General description
The 74HC02; 74HCT02 is a quad 2-input NOR gate. Inputs include clamp diodes. This enables the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Input levels:
• For 74HC02: CMOS level
• For 74HCT02: TTL level
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC02D
74HCT02D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74HC02PW
74HCT02PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package;
14 leads; body width 4.4 mm
SOT402-1
74HC02BQ
74HCT02BQ
-40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal
enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 × 3 × 0.85 mm
SOT762-1
74HC02BZ
74HCT02BZ
-40 °C to +125 °C
DHXQFN14 plastic, leadless dual in-line compatible thermal
enhanced extreme thin quad flat package;
no leads; 14 terminals; 0.4 mm pitch;
body 2 mm × 2 mm × 0.48 mm
SOT8014-1


Similar Part No. - 74HC02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
ON Semiconductor
74HC02 ONSEMI-74HC02 Datasheet
121Kb / 7P
Quad 2?묲nput NOR Gate High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC02 NXP-74HC02 Datasheet
100Kb / 15P
Quad 2-input NOR gate
Rev. 03-18 September 2008
logo
Silicon Supplies
74HC02 SS-74HC02 Datasheet
786Kb / 5P
High Speed CMOS Logic
logo
Nexperia B.V. All right...
74HC02-Q100 NEXPERIA-74HC02-Q100 Datasheet
766Kb / 15P
Quad 2-input NOR gate
More results

Similar Description - 74HC02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
Quad 2-Input NOR Gate
logo
ON Semiconductor
MC10102 ONSEMI-MC10102 Datasheet
101Kb / 5P
Quad 2-Input NOR Gate
1996 REV 5
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
Quad 2-input NOR gate
1990 Oct 04
74HC02 PHILIPS-74HC02 Datasheet
28Kb / 5P
Quad 2-input NOR gate
December 1990
logo
STMicroelectronics
74VHC02 STMICROELECTRONICS-74VHC02 Datasheet
164Kb / 8P
QUAD 2-INPUT NOR GATE
Jun-2001
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02 Datasheet
80Kb / 7P
Quad 2-Input NOR Gate
74F02 FAIRCHILD-74F02 Datasheet
47Kb / 4P
Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC02F TOSHIBA-TC74VHC02F_07 Datasheet
255Kb / 9P
Quad 2-Input NOR Gate
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
Quad 2 Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com