Electronic Components Datasheet Search
  English  ▼

X  

DS4201F Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS4201F
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201F Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS4201F Datasheet HTML 2Page - Dallas Semiconductor DS4201F Datasheet HTML 3Page - Dallas Semiconductor DS4201F Datasheet HTML 4Page - Dallas Semiconductor DS4201F Datasheet HTML 5Page - Dallas Semiconductor DS4201F Datasheet HTML 6Page - Dallas Semiconductor DS4201F Datasheet HTML 7Page - Dallas Semiconductor DS4201F Datasheet HTML 8Page - Dallas Semiconductor DS4201F Datasheet HTML 9Page - Dallas Semiconductor DS4201F Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
DS4201
6 of 24
102099
EXTENTION UNIT
The extension Unit (XU) is used to add vendor specific features to a USB audio function. The XU in the
DS4201, XU:UID9, is used to select between two available output ranges for the sigma–delta DAC:
1.414 VPP or 2.828 VPP The XU control parameter, OUTPUT_ DOUBLE_CONTROL, is used to select
or enable the output range mode. When set TRUE, the 2.828 VPP range is selected; when FALSE, the
1.414 VPP range is selected. When the DS4201 is operating from a 3V power source, the 1.414 VPP range
must be selected. For 5V operation, either range can be used. The command and control parameter used
for the XU SET/GET request is defined in APPENDIX A.
EXTENTION UNIT DEFAULT SETTING
The power–on default setting of the XU is:
OUTPUT_DOUBLE_SELECTOR = FALSE
(DAC output range = 1.414 VPP)
Feature Units
As defined by the ADC specification, the Feature Unit (FU) provides basic property control of an audio
signal. The FU descriptor reports what controls exist for each channel that passes through the FU as well
as a master control. All FUs have a single input and output pin for the audio cluster being controlled. The
audio cluster can contain multiple logical channels (left, right, etc.) which are individually or group
controlled by FU commands. As shown in Figure 3, FU:UID5 operates on the cluster from XU:UID9,
FU:UID6 operates on the cluster from IT:TID2 and FU:UID7 operates on the cluster from IT:TID3. Table
1 lists the cluster channels and properties supported by each FU. As shown in the table, MUTE is the only
control property supported by the DS4201 FUs. FU commands are documented in APPENDIX A.
FEATURE UNIT PROPERTIES Table 1
FEATURE UNIT
LOGICAL CHANNEL
SIGNAL
SUPPORTED PROPERTIES
FU:UID5 Channel 0
Master
MUTE
FU:UID5 Channel 1
Left DAC
MUTE
FU:UID5 Channel 2
Right DAC
MUTE
FU:UID6 Channel 0
Master
MUTE
FU:UID6 Channel 1
Left AUX
MUTE
FU:UID6 Channel 2
Right AUX
MUTE
FU:UID7 Channel 0
Master
MUTE
FU:UID7 Channel 1
Left MIC
MUTE
FU:UID7 Channel 2
Right MIC
MUTE
FEATURE UNITS DEFAULT SETTINGS
The power–on default settings of the three FU’s are:
FU:UID5 – Channels 0–2, MUTE = false
FU:UID6 – Channels 0–2, MUTE = false
FU:UID7 – Channels 0–2, MUTE = false



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com