Electronic Components Datasheet Search
  English  ▼

X  

DS4201F Datasheet(PDF) 10 Page - Dallas Semiconductor

Part # DS4201F
Description  USB Audio DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4201F Datasheet(HTML) 10 Page - Dallas Semiconductor

Back Button DS4201F Datasheet HTML 6Page - Dallas Semiconductor DS4201F Datasheet HTML 7Page - Dallas Semiconductor DS4201F Datasheet HTML 8Page - Dallas Semiconductor DS4201F Datasheet HTML 9Page - Dallas Semiconductor DS4201F Datasheet HTML 10Page - Dallas Semiconductor DS4201F Datasheet HTML 11Page - Dallas Semiconductor DS4201F Datasheet HTML 12Page - Dallas Semiconductor DS4201F Datasheet HTML 13Page - Dallas Semiconductor DS4201F Datasheet HTML 14Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DS4201
10 of 24
102099
The VCM output provides the DC bias point to which AC signals are referenced and processed internally.
This output provides a common mode signal that can be used by external circuitry operating from a single
supply. The nominal level of this output is 0.4xVA. VCM cannot support dynamic loading and should be
buffered if AC loading is needed. For typical use, a 0.47
µF capacitor should be connected across VCM
and analog ground for filtering.
NOTE:
See APPENDIX C for additional application information regarding these reference signals.
ANALOG I/O
DS4201 analog I/O consists of two stereo inputs (AUX and MIC) and one stereo output (OUT). Full scale
input and output signal levels supported depend on device operating voltage, the Mixer Unit (MU:UID8)
control setting, and the control setting of the USB audio extension unit (XU:UID9) as listed in the Analog
Performance Characteristics table.
ANALOG INPUTS
Analog signal levels at both the AUX and MIC inputs must be limited to the full scale range supported by
the operating voltage: 0.5 Vrms for 3.3V operation, 1.0 Vrms for 5.0V operation. Additionally, the input
signal must be either AC–coupled to the analog input or centered about the common mode reference level
VCM. For optimal performance, analog input signals should be AC–coupled. External signal attenuation
may be necessary to accommodate 1 Vrms and/or 2 Vrms line level swings that are typically output from
audio equipment.
See APPENDIX C for recommended connection diagrams and example interface
circuits for additional information.
ANALOG OUTPUTS
Analog signal levels at the LOUT and ROUT outputs are DC biased about the common mode reference
output VCM and should be AC–coupled to external circuitry.
Depending on operating voltage, the
DS4201 is designed to produce full–scale output levels of either 0.5 Vrms or 1.0 Vrms, see Analog
Performance Characteristics.
Again, see APPENDIX C for recommended connection diagrams and
example interface circuits for additional information.
POWER
POWER SUPPLY
The three power inputs to the DS4201 provide power to the USB digital (VB), non–USB digital (VD),
and analog circuitry (VA) within the device. These power inputs, combined with a USB suspend power
mode input signal (SPM), provide a range of power configurations. The options include:
• Entire device powered from USB bus power.
• USB circuitry powered from USB bus power, analog and digital circuitry powered from a separate
single source.
• USB circuitry powered from USB bus power, analog circuitry powered from an analog supply, digital
circuitry powered from a digital supply.
• Entire device powered from non–USB bus power with multiple variations possible.
NOTE:
USB core specification power requirements must be considered for any power configuration that
consumes power from the USB bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com