Electronic Components Datasheet Search
  English  ▼

X  

74HCT253PW Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HCT253PW
Description  Dual 4-input multiplexer; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT253PW Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HCT253PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74HC253; 74HCT253
Dual 4-input multiplexer; 3-state
11. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); For test circuit see Fig. 6.
25 °C
-40 °C to +85 °C -40 °C to +125 °C
Symbol Parameter Conditions
Typ
Max
Max
Max
Unit
74HC253
1ln to 1Y or 2ln to 2Y; see Fig. 4 [1]
VCC = 2.0 V
55
175
220
265
ns
VCC = 4.5 V
20
35
44
53
ns
VCC = 5.0 V; CL = 15 pF
17
-
-
-
ns
VCC = 6.0 V
16
30
37
45
ns
Sn to nY; see Fig. 4
VCC = 2.0 V
58
175
220
265
ns
VCC = 4.5 V
21
35
44
53
ns
VCC = 5.0 V; CL = 15 pF
18
-
-
-
ns
tpd
propagation
delay
VCC = 6.0 V
17
30
37
45
ns
nOE to nY; see Fig. 5
[2]
VCC = 2.0 V
30
100
125
150
ns
VCC = 4.5 V
11
20
25
30
ns
ten
enable time
VCC = 6.0 V
9
17
21
26
ns
nOE to nY; see Fig. 5
[3]
VCC = 2.0 V
41
150
190
225
ns
VCC = 4.5 V
15
30
38
45
ns
tdis
disable time
VCC = 6.0 V
12
26
33
38
ns
see Fig. 4
[4]
VCC = 2.0 V
14
60
75
90
ns
VCC = 4.5 V
5
12
15
18
ns
tt
transition
time
VCC = 6.0 V
4
10
13
15
ns
CPD
power
dissipation
capacitance
per multiplexer;
VI = GND to VCC
[5]
55
-
-
-
pF
74HC_HCT253
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 20 October 2022
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com