Electronic Components Datasheet Search
  English  ▼

X  

74HCT253PW Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74HCT253PW
Description  Dual 4-input multiplexer; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT253PW Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74HCT253PW Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT253PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Nexperia
74HC253; 74HCT253
Dual 4-input multiplexer; 3-state
4. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74HC253D
74HCT253D
-40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74HC253PW
74HCT253PW
-40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74HC253BQ
-40 °C to +125 °C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5 × 3.5 × 0.85 mm
SOT763-1
5. Functional diagram
001aal850
1I0
S0
6
14
7
1Y
S1
2
1OE
1
2OE
15
9
2Y
1I1
5
1I2
4
1I3
3
2I0
10
2I1
11
2I2
12
2I3
13
Fig. 1. Logic symbol
001aal851
6
1I0
MUX
15
MUX
1
5
1I1
4
1I2
1Y
2Y
2OE
3
1I3
14
S0
2
S1
10
2I0
7
11
2I1
12
2I2
13
2I3
1OE
9
Fig. 2. Functional diagram
001aal852
1I3
1Y
2Y
1OE
1I2
1I1
1I0
2I3
2I2
2I1
2I0
S0
S1
2OE
Fig. 3. Logic diagram
74HC_HCT253
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 9 — 20 October 2022
2 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com