Electronic Components Datasheet Search
  English  ▼

X  

9451D Datasheet(PDF) 1 Page - Belden Inc.

Part # 9451D
Description  Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9451D Datasheet(HTML) 1 Page - Belden Inc.

  9451D Datasheet HTML 1Page - Belden Inc. 9451D Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9451D
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
Product Description
Line Level Audio Cable, 2 Parallel Pair 22 AWG (7 x 30) Tinned Copper, PP Insulation, Overall Beldfoil® Shield, PVC Jacket, CMR
Technical Specifications
Product Overview
Suitable Applications:
Line level audio; Low voltage analog signals and control
Construction Details
Conductor
Element No. of Elements
Size
Stranding
Material
Pair(s)
2
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter Color Code
Pair(s)
PP - Polypropylene 0.009 in (0.23 mm) 0.046 in (1.2 mm)
Black & Red
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.020 in (0.51 mm) 0.135 in (3.43 mm)
Table Notes:
Jacket and shield are bonded so both can be removed on automatic stripping equipment. Drain wire is inside foil shield. For cross-connect use with 1814R (et. al.) Snake
Cables.
Overall Cable Diameter
(Nominal):
0.270 in (6.86 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
18.2 Ohm/1000ft
34 pF/ft (110 pF/m)
67 pF/ft (220 pF/m)
45 Ohm
66%
2.8 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CMR)
Mechanical Characteristics
Temperature
UL Temperature
Operating
105°C
-30°C to +105°C
Bend Radius


Similar Part No. - 9451D

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9451DP BELDEN-9451DP Datasheet
194Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
01-20-2023
9451DP-0091000 BELDEN-9451DP-0091000 Datasheet
194Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
01-20-2023
9451DP-00910000 BELDEN-9451DP-00910000 Datasheet
194Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
01-20-2023
9451DP-009500 BELDEN-9451DP-009500 Datasheet
194Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
01-20-2023
9451DP-0095000 BELDEN-9451DP-0095000 Datasheet
194Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
01-20-2023
More results

Similar Description - 9451D

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1819R BELDEN-1819R Datasheet
176Kb / 2P
Audio Snake Cable, 16 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1821R BELDEN-1821R Datasheet
203Kb / 2P
Audio Snake Cable, 24 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
11-09-2022
1815R BELDEN-1815R Datasheet
177Kb / 2P
Audio Snake Cable, 4 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
1818R BELDEN-1818R Datasheet
151Kb / 2P
Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil,PVC Jkt, CMR
12-19-2022
9451DP BELDEN-9451DP Datasheet
194Kb / 2P
Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, Flamarrest® Jkt,CMP
01-20-2023
1814R BELDEN-1814R Datasheet
151Kb / 2P
Audio Snake Cable, 2 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1816R BELDEN-1816R Datasheet
177Kb / 2P
Audio Snake Cable, 6 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
12-19-2022
1817R BELDEN-1817R Datasheet
177Kb / 2P
Audio Snake Cable, 8 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, PVC Jkt, CMR
01-20-2023
1883A BELDEN-1883A Datasheet
172Kb / 3P
Line Level Audio Cable, 1 Pr #24 Str TC, O/A Foil, PVC Jkt, CMR
01-20-2023
1800B BELDEN-1800B Datasheet
150Kb / 2P
Digital Audio Cable, 1 Pr #24 Str TC, O/A Foil, PVC Jkt, CMR
03-04-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com