Electronic Components Datasheet Search
  English  ▼

X  

9451D Datasheet(PDF) 2 Page - Belden Inc.

Part # 9451D
Description  Line Level Audio Cable, 2 Parallel Pr #22 Str TC, O/A Foil, PVC Jkt, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9451D Datasheet(HTML) 2 Page - Belden Inc.

  9451D Datasheet HTML 1Page - Belden Inc. 9451D Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Stationary Min. Installation Min.
1.4 in (36 mm)
1.4 in (36 mm)
Max. Pull Tension:
45.5 lbs (20.6 kg)
Bulk Cable Weight:
27 lbs/1000ft
Standards and Compliance
Environmental Suitability:
Indoor - Riser, Indoor
Flammability / Reaction to Fire:
UL 1666 Riser, IEC 60332-1-2, FT4
CPR Compliance:
CPR Euroclass: Eca
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL) Compliance:
CMR
European Directive Compliance:
EU CE Mark, EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
UK Regulation Compliance:
UKCA Mark
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
9451DP
History
Update and Revision:
Revision Number: 0.520 Revision Date: 01-20-2023
Part Numbers
Variants
Item #
Color
Putup Type Length
UPC
9451D J77U1000
Black and Red Pair
UnReel
1,000 ft 612825252856
9451D J776000
Red and Black
Reel
6,000 ft 612825252832
9451D 0536000
Red and Gray
Reel
6,000 ft 612825252849
9451D 053U1000
Red and Gray Pair
UnReel
1,000 ft 612825252818
9451D A5QU1000 Red and Green Pair
UnReel
1,000 ft 612825252825
9451D A5Q2000
Red and Green Pair
Reel
2,000 ft 612825252801
9451D G04U1000
Red and Purple Pair UnReel
1,000 ft 612825433941
© 2023 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com