Electronic Components Datasheet Search
  English  ▼

X  

74AXP2T45DC Datasheet(PDF) 14 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 14 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 18Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
VCC(B)
1.2 V ± 0.1 V
1.5 V ± 0.1 V
1.8 V ± 0.15 V
2.5 V ± 0.2 V
3.3 V ± 0.3 V
5.0 V ± 0.5 V
Symbol Parameter Conditions
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
DIR to nA
[1]
VCC(A) = 1.2 V ± 0.1 V
9.6
67.6
9.6
67.6
9.6
67.6
9.6
67.6
9.6
67.6
9.6
67.6
ns
VCC(A) = 1.5 V ± 0.1 V
7.4
38
7.4
38
7.4
38
7.4
38
7.4
38
7.4
38
ns
VCC(A) = 1.8 V ± 0.15 V
6.7
30.2
6.7
30.2
6.7
30.2
6.7
30.2
6.7
30.2
6.7
30.2
ns
VCC(A) = 2.5 V ± 0.2 V
4.9
19.9
4.9
19.9
4.9
19.9
4.9
19.9
4.9
19.9
4.9
19.9
ns
VCC(A) = 3.3 V ± 0.3 V
5.3
17.9
5.3
17.9
5.3
17.9
5.3
17.9
5.3
17.9
5.3
17.9
ns
VCC(A) = 5.0 V ± 0.5 V
3.7
12.2
3.7
12.2
3.7
12.2
3.7
12.2
3.7
12.2
3.7
12.2
ns
DIR to nB
VCC(A) = 1.2 V ± 0.1 V
8.9
58.6
8.5
49.8
8.3
47.3
8.0
46
7.8
45.5
7.6
44.9
ns
VCC(A) = 1.5 V ± 0.1 V
7.4
45.9
6.9
33.3
6.7
30
6.5
27.8
6.3
26.8
6.1
26.3
ns
VCC(A) = 1.8 V ± 0.15 V
7.1
42.5
6.7
30
6.4
27
6.2
24.5
6.1
24
5.9
23
ns
VCC(A) = 2.5 V ± 0.2 V
5.7
37.6
5.3
25.2
5.0
22.7
4.8
20.3
4.6
19.2
4.5
18.5
ns
VCC(A) = 3.3 V ± 0.3 V
6.2
37.5
5.8
24.8
5.5
21.5
5.3
18.9
5.1
18
4.9
17.3
ns
ten
enable time
VCC(A) = 5.0 V ± 0.5 V
5.1
34.1
4.6
21.5
4.3
18.5
4.0
15.9
3.8
14.8
3.6
14
ns
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
14 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com