Electronic Components Datasheet Search
  English  ▼

X  

74AXP2T45DC Datasheet(PDF) 19 Page - Nexperia B.V. All rights reserved

Part # 74AXP2T45DC
Description  2-bit dual supply translating transceiver; 3-state
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AXP2T45DC Datasheet(HTML) 19 Page - Nexperia B.V. All rights reserved

Back Button 74AXP2T45DC Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 22Page - Nexperia B.V. All rights reserved 74AXP2T45DC Datasheet HTML 23Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Nexperia
74AXP2T45
2-bit dual supply translating transceiver; 3-state
CL (pF)
0
100
80
60
40
20
aaa-029966
16
tpd
(ns)
0
4
8
12
(2)
(1)
(3)
Tamb = -40 °C to +125 °C
For tPLH, tPHL, tPZH and tPZL
(1) Minimum: VCCO = 1.6 V
(2) Typical: Tamb = 25 °C; VCCO = 1.5 V
(3) Maximum: VCCO = 1.4 V
Fig. 12. Additional propagation delay versus load
capacitance
CL (pF)
0
100
80
60
40
20
aaa-029967
30
tpd
(ns)
0
5
10
15
20
25
(2)
(1)
(3)
Tamb = -40 °C to +125 °C
For tPLH, tPHL, tPZH and tPZL
(1) Minimum: VCCO = 1.3 V
(2) Typical: Tamb = 25 °C; VCCO = 1.2 V
(3) Maximum: VCCO = 1.1 V
Fig. 13. Additional propagation delay versus load
capacitance
CL (pF)
0
100
80
60
40
20
aaa-029968
32
tpd
(ns)
0
8
16
24
Tamb = 25 °C; VCCO = 0.9 V
For tPLH, tPHL, tPZH and tPZL
Fig. 14. Additional propagation delay versus load capacitance
74AXP2T45
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 2 — 23 June 2022
19 / 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com