Electronic Components Datasheet Search
  English  ▼

X  

SA604A Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA604A
Description  High performance low power FM IF system
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA604A Datasheet(HTML) 4 Page - NXP Semiconductors

  SA604A Datasheet HTML 1Page - NXP Semiconductors SA604A Datasheet HTML 2Page - NXP Semiconductors SA604A Datasheet HTML 3Page - NXP Semiconductors SA604A Datasheet HTML 4Page - NXP Semiconductors SA604A Datasheet HTML 5Page - NXP Semiconductors SA604A Datasheet HTML 6Page - NXP Semiconductors SA604A Datasheet HTML 7Page - NXP Semiconductors SA604A Datasheet HTML 8Page - NXP Semiconductors SA604A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
NE/SA604A
High performance low power FM IF system
1994 Dec 15
400
SIGNETICS
NE604A TEST CKT
100nF + 80 – 20% 63V K10000–25V Ceramic
455kHz Ceramic Filter Murata SFG455A3
100nF +10% 50V
100nF +10% 50V
455kHz (Ce = 180pF) TOKO RMC 2A6597H
51
Ω +1% 1/4W Metal Film
150pF +2% 100V N1500 Ceramic
6.8
µF +20% 25V Tantalum
1nF +10% 100V K2000-Y5P Ceramic
15nF +10% 50V
100nF +10% 50V
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
F1
F2
R1
100nF +10% 50V
100nF +10% 50V
100nF +10% 50V
10pF +2% 100V NPO Ceramic
R2
R3
R4
1500
Ω +1% 1/4W Metal Film
1500
Ω +5% 1/8W Carbon Composition
100k
Ω +1% 1/4W Metal Film
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
NE604A TEST CIRCUIT
NE 604A
INPUT
Q = 20 LOADED
MUTE
INPUT
RSSI
OUTPUT
AUDIO
OUTPUT
DATA
OUTPUT
C5
C3
C6
S1
C10
C8
F2
C12
C9
F1
C7
C11
R1
R2
R3
C4
C1
C2
R4
SIGNETICS
NE604A TEST CKT
VCC
SR00313
Figure 3. NE/SA604A Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com