Electronic Components Datasheet Search
  English  ▼

X  

SA604A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA604A
Description  High performance low power FM IF system
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA604A Datasheet(HTML) 1 Page - NXP Semiconductors

  SA604A Datasheet HTML 1Page - NXP Semiconductors SA604A Datasheet HTML 2Page - NXP Semiconductors SA604A Datasheet HTML 3Page - NXP Semiconductors SA604A Datasheet HTML 4Page - NXP Semiconductors SA604A Datasheet HTML 5Page - NXP Semiconductors SA604A Datasheet HTML 6Page - NXP Semiconductors SA604A Datasheet HTML 7Page - NXP Semiconductors SA604A Datasheet HTML 8Page - NXP Semiconductors SA604A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips Semiconductors
Product specification
NE/SA604A
High performance low power FM IF system
397
1994 Dec 15
853-1431 14477
DESCRIPTION
The NE/SA604A is an improved monolithic low-power FM IF system
incorporating two limiting intermediate frequency amplifiers,
quadrature detector, muting, logarithmic received signal strength
indicator, and voltage regulator. The NE/SA604A features higher IF
bandwidth (25MHz) and temperature compensated RSSI and
limiters permitting higher performance application compared with the
NE/SA604. The NE/SA604A is available in a 16-lead dual-in-line
plastic and 16-lead SO (surface-mounted miniature) package.
FEATURES
• Low power consumption: 3.3mA typical
• Temperature compensated logarithmic Received Signal Strength
Indicator (RSSI) with a dynamic range in excess of 90dB
• Two audio outputs - muted and unmuted
• Low external component count; suitable for crystal/ceramic filters
• Excellent sensitivity: 1.5µV across input pins (0.22µV into 50Ω
matching network) for 12dB SINAD (Signal to Noise and Distortion
ratio) at 455kHz
• SA604A meets cellular radio specifications
PIN CONFIGURATION
D and N Packages
IF AMP DECOUPLING 1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
GND
MUTE INPUT
RSSI OUTPUT
MUTE AUDIO OUTPUT
UNMUTE AUDIO OUTPUT
QUADRATURE INPUT
IF AMP INPUT
IF AMP DECOUPLING
IF AMP OUTPUT
GND
LIMITER INPUT
LIMITER DECOUPLING
LIMITER DECOUPLING
LIMITER
VCC
SR00311
Figure 1. Pin Configuration
APPLICATIONS
• Cellular radio FM IF
• High performance communications receivers
• Intermediate frequency amplification and detection up to 25MHz
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE604AN
SOT28-4
16-Pin Plastic Small Outline (SO) package (Surface-mount)
0 to +70
°C
NE604AD
SOT109-1
16-Pin Plastic Dual In-Line Package (DIP)
-40 to +85
°C
SA604AN
SOT28-4
16-Pin Plastic Small Outline (SO) package (Surface-mount)
-40 to +85
°C
SA604AD
SOT109-1
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Single supply voltage
9
V
TSTG
Storage temperature range
-65 to +150
°C
TA
Operating ambient temperature range NE604A
SA604A
0 to +70
-40 to +85
°C
°C
θJA
Thermal impedance
D package
N package
90
75
°C/W
°C/W


Similar Part No. - SA604A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604A PHILIPS-SA604A Datasheet
140Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604A PHILIPS-SA604A Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604AD PHILIPS-SA604AD Datasheet
140Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604A PHILIPS-SA604A_15 Datasheet
1Mb / 31P
High-performance low-power FM IF system
Rev. 4.1-30 March 2015
More results

Similar Description - SA604A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604A PHILIPS-SA604A Datasheet
140Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
High performance low power mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA604A PHILIPS-SA604A_15 Datasheet
1Mb / 31P
High-performance low-power FM IF system
Rev. 4.1-30 March 2015
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA615 PHILIPS-SA615_15 Datasheet
533Kb / 26P
High performance low power mixer FM IF system
Rev. 4-14 November 2014
SA605 NXP-SA605 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com