Electronic Components Datasheet Search
  English  ▼

X  

ADCA3280ACEZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADCA3280ACEZ
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCA3280ACEZ Datasheet HTML 4Page - Analog Devices ADCA3280ACEZ Datasheet HTML 5Page - Analog Devices ADCA3280ACEZ Datasheet HTML 6Page - Analog Devices ADCA3280ACEZ Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ Datasheet HTML 9Page - Analog Devices ADCA3280ACEZ Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Data Sheet
ADCA3280
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 8 of 18
DOCSIS 4.0 DOWNSTREAM PERFORMANCE
8× OFDM channels, 20 dB virtual tilt from 258 MHz to 1794 MHz, and 6 dB offset at 1026 MHz. In Figure 7 to Figure 10, the performance at
lower output powers is limited by the test equipment and is not indicative of the noise performance of the device. Results are not corrected
for system contributions. Using the downstream schematic and bill of materials (BOM) per the Recommended Applications Circuit and BOM
section. VDD = 21 V, IDD = 540 mA, TPADDLE = 35°C, and ZS = ZL = 75 Ω, unless otherwise noted.
Figure 7. NPR vs. TCP over Frequency, 20 dB Tilt
Figure 8. NPR vs. TCP over Temperature, 1041 MHz, 20 dB Tilt
Figure 9. NPR vs. Frequency over Current, 73 dBmV TCP, 20 dB Tilt
Figure 10. NPR vs. TCP over Voltage, 1041 MHz, 20 dB Tilt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com