Electronic Components Datasheet Search
  English  ▼

X  

ADCA3280ACEZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADCA3280ACEZ
Description  DOCSIS 4.0, 24 V Power Doubler Amplifier, 45 MHz to 1794 MHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA3280ACEZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCA3280ACEZ Datasheet HTML 5Page - Analog Devices ADCA3280ACEZ Datasheet HTML 6Page - Analog Devices ADCA3280ACEZ Datasheet HTML 7Page - Analog Devices ADCA3280ACEZ Datasheet HTML 8Page - Analog Devices ADCA3280ACEZ Datasheet HTML 9Page - Analog Devices ADCA3280ACEZ Datasheet HTML 10Page - Analog Devices ADCA3280ACEZ Datasheet HTML 11Page - Analog Devices ADCA3280ACEZ Datasheet HTML 12Page - Analog Devices ADCA3280ACEZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Data Sheet
ADCA3280
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 9 of 18
DOCSIS 3.1 DOWNSTREAM PERFORMANCE
185× ITU-T J.83B, SCQAM 6 MHz channels from 108 MHz to 1218 MHz. In Figure 11 to Figure 20, the performance at lower output powers is
limited by the test equipment and is not indicative of the noise performance of the device. Data is presented with both 13 dB and 18 dB tilt from
lowest to highest channels. Results are not corrected for system contributions. Using the downstream schematic and bill of materials (BOM) per
the Recommended Applications Circuit and BOM section. VDD = 21 V, IDD = 540 mA, TPADDLE = 35°C, and ZS = ZL = 75 Ω, unless otherwise
noted.
Figure 11. NPR vs. Frequency over TCP, 18 dB Tilt
Figure 12. NPR vs. TCP over Frequency, 18 dB Tilt
Figure 13. NPR vs. Frequency over TCP, 13 dB Tilt
Figure 14. NPR vs. TCP over Frequency, 13 dB Tilt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com