Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 20 Page - Analog Devices

Part # LT4294
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT4294 Datasheet HTML 16Page - Analog Devices LT4294 Datasheet HTML 17Page - Analog Devices LT4294 Datasheet HTML 18Page - Analog Devices LT4294 Datasheet HTML 19Page - Analog Devices LT4294 Datasheet HTML 20Page - Analog Devices LT4294 Datasheet HTML 21Page - Analog Devices LT4294 Datasheet HTML 22Page - Analog Devices LT4294 Datasheet HTML 23Page - Analog Devices LT4294 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 20 of 34
DEVICE CONFIGURATION
An LTC9101-2A can control between one and four LTC9102. Each
LTC9102 controls 12 ports. Thus, each LTC9101-2A can control up
to 48 ports.
As described later in Bus Addressing, each group of four ports
occupies a single I2C address.
OPERATING MODES
The LTC9101-2A/LTC9102 controls up to 48 independent ports,
each of which can operate in one of two modes: manual or semi-
auto. A third mode, shutdown, disables the port (see Table 8).
Table 8. Operating Modes
MODE
PORT
MODE
DETECT/CLASS
POWER-UP
Semi-Auto
10b
Host Enabled
Upon Request
Manual
01b
Once Upon Request
Upon Request
Shutdown
00b
Disabled
Disabled
In manual mode, the port waits for instructions from the host system
before taking any action. When commanded by the host, the port
runs a single detection or classification cycle and reports the result
in its "Port Status" register. The host may command the port to
immediately apply or remove power with no requirement for valid
detection or classification results. Manual mode is not compliant
with IEEE specifications.
In semi-auto mode, the port repeatedly attempts to detect and
classify any PD attached to it. The port reports the status of these
attempts back to the host. When commanded to apply power, the
port verifies the presence of a compliant PD and applies power if a
compliant device is connected. The host must enable detection and
classification.
In shutdown mode, the port is disabled and does not detect or
power a PD.
Regardless of which mode it is in, the LTC9101-2A/LTC9102 re-
moves power automatically from any port that generates a fault.
It also automatically removes power from any port that generates
a disconnect event if disconnect detection is enabled. The host
controller may also command the port to remove power at any time.
DETECTION
Detection Overview
To avoid damaging network devices not designed to tolerate DC
voltage, a PSE must determine whether the connected device is
a valid PD before applying power. The IEEE 802.3 specification
requires that a valid PD has a common-mode resistance of 25k
±5% at any port voltage below 10V. The PSE must accept resistan-
ces that fall between 19k and 26.5k, and it must reject resistances
above 33k or below 15k (shaded regions in Figure 36). The PSE
may choose to accept or reject resistances in the undefined areas
between the must-accept and must-reject ranges. In particular, the
PSE must reject standard computer network interface cards (NICs),
many of which have 150Ω common-mode termination resistors that
are damaged if power is applied to them (the black region at the left
of Figure 36).
Figure 36. IEEE 802.3 Signature Resistance Ranges
Multipoint Detection
The LTC9101-2A/LTC9102 uses a multipoint method to detect PDs.
False-positive detections are rejected by checking for signature
resistance with both forced current and forced voltage measure-
ments.
Initially, two test currents are forced onto the port (through
the OUTn pin) and the resulting voltages are measured. The
LTC9101-2A calculates the difference between the two V-I points
to determine the resistive slope while removing offset caused
by series diodes or leakage at the port (see Figure 37). If the
forced current detection yields a valid signature resistance, two test
voltages are then forced onto the port and the resulting currents
are measured and subtracted. Both methods must report valid
resistances to report a valid detection. PD signature resistances
between 17k and 29k (typical) are accepted as valid and reported
as "Detect Valid" in the corresponding "Detection Status" register.
Values outside this range, including open and short circuits, are
also reported. If the port measures less than 1V during any forced
current test, the detection cycle aborts and "Short Circuit" is report-
ed. Table 9 shows the possible detection results.
Figure 37. PD Detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com