Electronic Components Datasheet Search
  English  ▼

X  

LT4294 Datasheet(PDF) 3 Page - Analog Devices

Part # LT4294
Description  12-/24-/48-Port IEEE 802.3 at PoE PSE Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4294 Datasheet(HTML) 3 Page - Analog Devices

  LT4294 Datasheet HTML 1Page - Analog Devices LT4294 Datasheet HTML 2Page - Analog Devices LT4294 Datasheet HTML 3Page - Analog Devices LT4294 Datasheet HTML 4Page - Analog Devices LT4294 Datasheet HTML 5Page - Analog Devices LT4294 Datasheet HTML 6Page - Analog Devices LT4294 Datasheet HTML 7Page - Analog Devices LT4294 Datasheet HTML 8Page - Analog Devices LT4294 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Data Sheet
LTC9101-2A/LTC9102
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 3 of 34
LTC9101-2A
Table 1. Absolute Maximum Ratings (Notes 1, 4)
PARAMETER
RATING
Supply Voltages (with respect to DGND)
VDD
–0.3V to 3.6V
CAP1, CAP2
–0.3V to 1.32V
Digital Pins
ADn, CFGn, OSS, SDAIN, SDAOUT, SCL, RESET, INT
–0.3V to VDD + 0.3V
Analog Pins
CPD, CND, DPD, DND
–0.3V to VDD + 0.3V
Operating Ambient Temperature Range
–40°C to 85°C
Operating Junction Temperature Range (Note 2)
–40°C to 125°C
Storage Temperature Range
–65°C to 150°C
LTC9102
Table 2. Absolute Maximum Ratings (Note 1)
PARAMETER
RATING
Supply Voltages (with respect to VEE)
AGND
–0.3V to 80V
PWRIN
–0.3V to 80V
CAP3, CAP4
–0.3V to 5V
VSSKn
–0.3V to 0.3V
Analog Pins
SENSEn, OUTn
–20V to 80V
GATEn, IDn, PWRMDn
–0.3V to 80V
CPA, CNA, DPA, DNA
–0.3V to CAP3 + 0.3V
EXT3
–0.3V to 30V
Operating Ambient Temperature Range
–40°C to 85°C
Operating Junction Temperature Range (Note 2)
–40°C to 125°C
Storage Temperature
–65°C to 150°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com