Electronic Components Datasheet Search
  English  ▼

X  

PUMH2 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PUMH2
Description  NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMH2 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PUMH2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PEMH2_PUMH2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 5 December 2011
4 of 14
NXP Semiconductors
PEMH2; PUMH2
NPN/NPN resistor-equipped transistors; R1 = 47 k
, R2 = 47 k
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curve for SOT363 (SC-88) and SOT666
Tamb (°C)
-75
175
125
25
75
-25
006aac749
200
100
300
400
Ptot
(mW)
0
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
PEMH2 (SOT666)
[1][2] -
-
625
K/W
PUMH2 (SOT363)
[1] -
-
625
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
PEMH2 (SOT666)
[1][2] -
-
417
K/W
PUMH2 (SOT363)
[1] -
-
417
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com