Electronic Components Datasheet Search
  English  ▼

X  

PUMH2 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PUMH2
Description  NPN/NPN resistor-equipped transistors; R1 = 47 k, R2 = 47 k
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMH2 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PUMH2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUMH2 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PEMH2_PUMH2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 5 December 2011
7 of 14
NXP Semiconductors
PEMH2; PUMH2
NPN/NPN resistor-equipped transistors; R1 = 47 k
, R2 = 47 k
VCE =5V
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
IC/IB =20
(1) Tamb = 100 C
(2) Tamb =25 C
(3) Tamb = 40 C
Fig 4.
DC current gain as a function of collector
current; typical values
Fig 5.
Collector-emitter saturation voltage as a
function of collector current; typical values
VCE =0.3 V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
VCE =5V
(1) Tamb = 40 C
(2) Tamb =25 C
(3) Tamb = 100 C
Fig 6.
On-state input voltage as a function of
collector current; typical values
Fig 7.
Off-state input voltage as a function of
collector current; typical values
IC (mA)
10-1
102
10
1
006aac752
102
10
103
hFE
1
(1)
(2)
(3)
006aac753
IC (mA)
10-1
102
10
1
10-1
1
VCEsat
(V)
10-2
(1)
(2)
(3)
006aac754
IC (mA)
10-1
102
10
1
1
10
VI(on)
(V)
10-1
(1)
(2)
(3)
IC (mA)
10-1
10
1
006aac755
1
10
VI(off)
(V)
10-1
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com