Electronic Components Datasheet Search
  English  ▼

X  

PEMX1 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # PEMX1
Description  NPN/NPN general purpose double transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMX1 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  PEMX1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PEMX1
NPN/NPN general purpose double transistor
29 December 2022
Product data sheet
1. General description
NPN/NPN double transistor in a SOT666 ultra small and flat lead Surface-Mounted Device (SMD)
plastic package.
PNP complement: PEMT1
2. Features and benefits
• 300 mW total power dissipation
• Very small 1.6 mm x 1.2 mm ultra thin package
• Replaces two SC-75/SC-89 packaged transistors on same PCB area
• Reduced required PCB area
• Reduced pick and place costs
3. Applications
• General purpose switching and amplification
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
VCEO
collector-emitter
voltage
open base
-
-
40
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE = 6 V; IC = 1 mA; Tamb = 25 °C
120
-
-
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
E1
emitter TR1
2
B1
base TR1
3
C2
collector TR2
4
E2
emitter TR2
5
B2
base TR2
6
C1
collector TR1
1
2
3
4
5
6
SOT666
sym020
B1
E1
C2
B2
C1
TR1
TR2
E2


Similar Part No. - PEMX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
NPN general purpose double transistor
2001 Nov 07
PEMX1 NXP-PEMX1 Datasheet
108Kb / 7P
NPN general purpose double transistor
2001 Nov 07
More results

Similar Description - PEMX1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846S PHILIPS-BC846S Datasheet
50Kb / 8P
NPN general purpose double transistor
1999 Sep 01
BC847BS PHILIPS-BC847BS Datasheet
45Kb / 8P
NPN general purpose double transistor
1999 Apr 28
BCV61 PHILIPS-BCV61 Datasheet
50Kb / 8P
NPN general purpose double transistor
1999 Apr 08
PEMX1 PHILIPS-PEMX1 Datasheet
47Kb / 8P
NPN general purpose double transistor
2001 Nov 07
PUMX1 PHILIPS-PUMX1 Datasheet
43Kb / 8P
NPN general purpose double transistor
1999 Apr 14
BC817DS PHILIPS-BC817DS Datasheet
66Kb / 8P
NPN general purpose double transistor
2002 Nov 22
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
NPN general purpose double transistor
logo
Nexperia B.V. All right...
BC846S-Q NEXPERIA-BC846S-Q Datasheet
222Kb / 11P
NPN general purpose double transistor
22 July 2021
BC846S NEXPERIA-BC846S Datasheet
233Kb / 9P
NPN general purpose double transistor
1 October 2022
BC847BV NEXPERIA-BC847BV Datasheet
191Kb / 8P
NPN general purpose double transistor
27 December 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com