Electronic Components Datasheet Search
  English  ▼

X  

PEMX1 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PEMX1
Description  NPN/NPN general purpose double transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMX1 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PEMX1 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMX1 Datasheet HTML 7Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Nexperia
PEMX1
NPN/NPN general purpose double transistor
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
PEMX1
SOT666
plastic, surface-mounted package; 6 leads; 0.5 mm pitch;
1.6 mm x 1.2 mm x 0.55 mm body
SOT666
7. Marking
Table 4. Marking codes
Type number
Marking code
PEMX1
ZZ
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage open base
-
40
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
100
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
200
mW
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[1]
-
300
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] [2] -
-
416
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Reflow soldering is the only recommended soldering method.
PEMX1
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
29 December 2022
2 / 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com