Electronic Components Datasheet Search
  English  ▼

X  

SMS1546 Datasheet(PDF) 1 Page - Alpha Industries

Part # SMS1546
Description  Surface Mount Mixer and Detector Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

SMS1546 Datasheet(HTML) 1 Page - Alpha Industries

  SMS1546 Datasheet HTML 1Page - Alpha Industries SMS1546 Datasheet HTML 2Page - Alpha Industries SMS1546 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 1/01A
Surface Mount Mixer and
Detector Schottky Diodes
Features
s Tight Parameter Distribution
s Available as Singles and Pairs
s 100% DC Tested
s Designed for High Volume Commercial
Applications
s Available in Tape and Reel Packaging
Description
These low cost, surface mountable plastic packaged silicon
mixer Schottky diodes are designed for RF and microwave
mixers and detectors.They include low barrier diodes and zero
bias detectors, combining Alpha’s advanced semiconductor
technology with low cost packaging techniques. All diodes are
100% DC tested and deliver tight parameter distribution,
minimizing performance variability.They are available in SC-
70, SC-79, SOD-323, SOT-23 and SOT-143 packages.Wiring
configurations include singles, common cathode, series pairs
and unconnected pairs. Applications include low noise
receivers used in high sensitivity ID tags, wireless systems,
radio designs and may be used at frequencies to 10 GHz.
SPICE model parameters are included as a design tool.
Characteristic
Value
Reverse Voltage (VR)
Rated VB
Forward Current - Steady State (IF)
50 mA
Power Dissipation (PD)
75 mW
Storage Temperature (TST)
-65°C to +150°C
Operating Temperature (TOP)
-65°C to +150°C
Junction Temperature (TJ)
150°C
Soldering Temperature
260°C for 5 Seconds
Absolute Maximum Ratings
Single
Single
Single
Common
Series Pair
Reverse
Unconnected
Reverse
Cathode
Series Pair
Pair
Unconnected
Pair
SC-79
SOD-323
SOT-23
SOT-23
SOT-23
SOT-143
SOT-143
o SMS1546-011 o SMS1546-001
o SMS1546-005
o SMS1546-015
Cathode Mark
Marking: SG1
Marking: SG2
Marking: SG7
o SMS7621-079 o SMS7621-011 o SMS7621-001
o SMS7621-005 o SMS7621-006 o SMS7621-015
Cathode Mark
Cathode Mark
Marking: SH1
Marking: SH2
Marking: SH8
Marking: SH7
o SMS7630-079 o SMS7630-011 o SMS7630-001
o SMS7630-005 o SMS7630-006
LS = 1.5 nH
o SMS7630-020
Anode Mark
Cathode Mark
Marking: SD1
Marking: SD2
Marking: SD8
Marking: SD0
LS = 0.7 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
LS = 1.5 nH
SC-70
SC-70
SC-70
o SMS7621-074 o SMS7621-075 o SMS7621-076
Marking: SH3
Marking: SH2
Marking: SH8
o SMS7630-075 o SMS7630-076
Marking: SD2
Marking: SD8
LS = 1.4 nH
LS = 1.4 nH
LS = 1.4 nH
o Available through distribution.


Similar Part No. - SMS1546

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMS1546 SKYWORKS-SMS1546 Datasheet
143Kb / 5P
Surface Mount Mixer and Detector Schottky Diodes
SMS1546-005 SKYWORKS-SMS1546-005 Datasheet
143Kb / 5P
Surface Mount Mixer and Detector Schottky Diodes
SMS1546-005LF SKYWORKS-SMS1546-005LF Datasheet
143Kb / 5P
Surface Mount Mixer and Detector Schottky Diodes
More results

Similar Description - SMS1546

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMS7621 SKYWORKS-SMS7621 Datasheet
74Kb / 5P
Surface Mount Mixer and Detector Schottky Diodes
SMS1546 SKYWORKS-SMS1546 Datasheet
143Kb / 5P
Surface Mount Mixer and Detector Schottky Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2860 AVAGO-HSMS-2860_15 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
logo
Skyworks Solutions Inc.
SMSA3923-011LF SKYWORKS-SMSA3923-011LF Datasheet
288Kb / 5P
Surface Mount Mixer/Detector Schottky Diode
logo
Broadcom Corporation.
HSMS-286B BOARDCOM-HSMS-286B Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286C BOARDCOM-HSMS-286C Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286E BOARDCOM-HSMS-286E Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-286F BOARDCOM-HSMS-286F Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2863 BOARDCOM-HSMS-2863 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
HSMS-2865 BOARDCOM-HSMS-2865 Datasheet
430Kb / 18P
Surface Mount Microwave Schottky Detector Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com