Electronic Components Datasheet Search
  English  ▼

X  

BC818 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BC818
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC818 Datasheet(HTML) 1 Page - Nanjing International Group Co

  BC818 Datasheet HTML 1Page - Nanjing International Group Co BC818 Datasheet HTML 2Page - Nanjing International Group Co BC818 Datasheet HTML 3Page - Nanjing International Group Co BC818 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
For general AF applications
High collector current
High current gain
Low collector-emitter saturation voltage
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
30
V
VCEO
Collector-Emitter Voltage
25
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.5
A
PC
Collector Power Dissipation
0.3
W
TJ,Tstg
Operation Junction and
Storage Temperature Range
-55-150
℃
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 10μA, IE=0
30
V
Collector-emitter breakdown voltage
VCEO
IC= 10mA, IB=0
25
V
Emitter-base breakdown voltage
VEBO
IE= 10μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 25 V , IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB= 4V, IC=0
0.1
μA
hFE(1)
VCE= 1V, IC= 100mA
100
630
DC current gain
hFE(2)
VCE= 1V, IC= 300mA
60
Collector-emitter saturation voltage
VCE(sat)
IC= 500mA, IB= 50mA
0.7
V
Base-emitter saturation voltage
VBE(sat)
IC= 500mA, IB= 50mA
1.2
V
Base-emitter voltage
VBE
VCE=1V, IC= 500mA
1.2
V
Collecter capactiance
Cob
VCB=10V ,f=1MHz
6
pF
Transition frequency
fT
VCE= 5 V, IC= 50mA
f=100MHz
170
MHz
CLASSIFICATION OF h
FE
(1)
Rank
BC818-16
BC818-25
BC818-40
Range
100-250
160-400
250-630
Marking
6E
6F
6G
1. BASE
2. EMITTER
3. COLLECTOR
BC818
TRANSISTOR (NPN)
SOT-23
DONGGUAN NANJING ELECTRONICS LTD.,
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
1/4


Similar Part No. - BC818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC818 FAIRCHILD-BC818 Datasheet
31Kb / 2P
NPN EPITAXIAL SILICON TRANSISTOR
logo
General Semiconductor
BC818 GE-BC818 Datasheet
227Kb / 5P
Small Signal Transistors (NPN)
logo
AUK corp
BC818 AUK-BC818 Datasheet
80Kb / 3P
NPN Silicon Transistor (High current application Switching application)
logo
Infineon Technologies A...
BC818 INFINEON-BC818 Datasheet
47Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC818 DIOTEC-BC818 Datasheet
188Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC818

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com