Electronic Components Datasheet Search
  English  ▼

X  

BC818 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BC818
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BC818 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BC818 Datasheet HTML 1Page - Nanjing International Group Co BC818 Datasheet HTML 2Page - Nanjing International Group Co BC818 Datasheet HTML 3Page - Nanjing International Group Co BC818 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
200
400
600
800
1000
05
10
1
10
100
110
10
100
110
100
0
100
200
300
400
500
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0.1
1
10
100
1000
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1000
0.0
0.1
0.2
0.3
0.4
0.5
0.6
02468
10
12
14
16
0
40
80
120
160
200
240
280
V
CE=1V
T
a=25
℃
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
I
C
——
V
BE
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
50
COLLECTOR CURRENT I
C
(mA)
V
CE=5V
T
a=25
oC
I
C
f
T
——
300
60
500
V
CE= 1V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
——
T
a
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat
——
T
a=25
℃
T
a=100
℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
1mA
0.9mA
0.8mA
0.7mA
0.6mA
0.5mA
0.4mA
0.3mA
0.2mA
I
B=0.1mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com