Electronic Components Datasheet Search
  English  ▼

X  

NTS0102DP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NTS0102DP
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102DP Datasheet(HTML) 5 Page - NXP Semiconductors

  NTS0102DP Datasheet HTML 1Page - NXP Semiconductors NTS0102DP Datasheet HTML 2Page - NXP Semiconductors NTS0102DP Datasheet HTML 3Page - NXP Semiconductors NTS0102DP Datasheet HTML 4Page - NXP Semiconductors NTS0102DP Datasheet HTML 5Page - NXP Semiconductors NTS0102DP Datasheet HTML 6Page - NXP Semiconductors NTS0102DP Datasheet HTML 7Page - NXP Semiconductors NTS0102DP Datasheet HTML 8Page - NXP Semiconductors NTS0102DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
NXP Semiconductors
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
[2]
When either VCC(A) or VCC(B) is at GND level, the device goes into power-down mode.
8 Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
–0.5
+6.5
V
VCC(B)
supply voltage B
–0.5
+6.5
V
A port and OE input
[1] [2] –0.5
+6.5
V
VI
input voltage
B port
[1] [2] –0.5
+6.5
V
Active mode
[1] [2]
A or B port
–0.5
VCCO + 0.5 V
Power-down or 3-state mode
[1]
A port
–0.5
+4.6
V
VO
output voltage
B port
–0.5
+6.5
V
IIK
input clamping current
VI < 0 V
–50
—
mA
IOK
output clamping current
VO < 0 V
–50
—
mA
IO
output current
VO = 0 V to VCCO
[2] —
±50
mA
ICC
supply current
ICC(A) or ICC(B)
—
100
mA
IGND
ground current
–100
—
mA
Tstg
storage temperature
–65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[3] —
250
mW
Table 5. Limiting values
[1]
The minimum input and minimum output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output.
[3]
For TSSOP8 package: above 55 °C, the value of Ptot derates linearly with 2.5 mW/K.
For XSON8 packages: above 118 °C, the value of Ptot derates linearly with 7.8 mW/K.
9 Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.65
3.6
V
VCC(B)
supply voltage B
2.3
5.5
V
Tamb
ambient temperature
–40
+125
°C
A or B port; push-pull driving
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
—
10
ns/V
OE input
Δt/ΔV
input transition rise and fall rate
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
—
10
ns/V
Table 6. Recommended operating conditions[1][2]
NTS0102
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.5 — 6 July 2023
5 / 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com