Electronic Components Datasheet Search
  English  ▼

X  

NTS0102DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NTS0102DP
Description  Dual supply translating transceiver; open-drain; auto direction sensing
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0102DP Datasheet(HTML) 1 Page - NXP Semiconductors

  NTS0102DP Datasheet HTML 1Page - NXP Semiconductors NTS0102DP Datasheet HTML 2Page - NXP Semiconductors NTS0102DP Datasheet HTML 3Page - NXP Semiconductors NTS0102DP Datasheet HTML 4Page - NXP Semiconductors NTS0102DP Datasheet HTML 5Page - NXP Semiconductors NTS0102DP Datasheet HTML 6Page - NXP Semiconductors NTS0102DP Datasheet HTML 7Page - NXP Semiconductors NTS0102DP Datasheet HTML 8Page - NXP Semiconductors NTS0102DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
NTS0102
Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.5 — 6 July 2023
Product data sheet
1 General description
The NTS0102 is a 2-bit, dual supply translating transceiver with auto direction sensing, that enables
bidirectional voltage level translation. It features two 2-bit input-output ports (An and Bn), one output enable
input (OE) and two supply pins (VCC(A) and VCC(B)). VCC(A) can be supplied at any voltage between 1.65 V
and 3.6 V and VCC(B) can be supplied at any voltage between 2.3 V and 5.5 V, making the device suitable for
translating between any of the voltage nodes (1.8 V, 2.5 V, 3.3 V, and 5.0 V). Pins An and OE are referenced
to VCC(A) and pins Bn are referenced to VCC(B). A LOW level at pin OE causes the outputs to assume a high-
impedance OFF-state. This device is fully specified for partial power-down applications using IOFF. The IOFF
circuitry disables the output, preventing the damaging backflow current through the device when it is powered
down.
2 Features and benefits
• Wide supply voltage range:
– VCC(A): 1.65 V to 3.6 V and VCC(B): 2.3 V to 5.5 V
• Maximum data rates:
– Push-pull: 50 Mbit/s
• IOFF circuitry provides partial Power-down mode operation
• Inputs accept voltages up to 5.5 V
• ESD protection:
– HBM JESD22-A114E Class 2 exceeds 2500 V for A port
– HBM JESD22-A114E Class 3B exceeds 8000 V for B port
– CDM JESD22-C101E exceeds 1500 V
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Multiple package options
• Specified from –40 °C to +85 °C and -40 °C to +125 °C
3 Applications
• I2C/SMBus
• UART
• GPIO
4 Ordering information
Package
Type number
Topside
marking Name
Description
Version
NTS0102DP
s02
TSSOP8
plastic thin shrink small outline package; 8 leads; body width
3 mm; lead length 0.5 mm
SOT505-2
Table 1. Ordering information


Similar Part No. - NTS0102DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102DP NXP-NTS0102DP Datasheet
216Kb / 25P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 April 2011
NTS0102DP PHILIPS-NTS0102DP Datasheet
421Kb / 27P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-17 November 2011
NTS0102DP NXP-NTS0102DP Datasheet
593Kb / 38P
Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.3-20 April 2022
NTS0102DP-Q100 NXP-NTS0102DP-Q100 Datasheet
233Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1-27 February 2013
NTS0102DP-Q100 NXP-NTS0102DP-Q100 Datasheet
542Kb / 34P
Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 1.3-20 April 2022
More results

Similar Description - NTS0102DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0104-Q100 NXP-NTS0104-Q100 Datasheet
386Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 3-7 August 2012
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
NXS0104 NEXPERIA-NXS0104 Datasheet
334Kb / 23P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 30 June 2021
NXS0108 NEXPERIA-NXS0108 Datasheet
340Kb / 25P
Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com