Electronic Components Datasheet Search
  English  ▼

X  

EV-2 Datasheet(PDF) 18 Page - Cirrus Logic

Part # EV-2
Description  Digital Audio Networking Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EV-2 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button EV-2 Datasheet HTML 14Page - Cirrus Logic EV-2 Datasheet HTML 15Page - Cirrus Logic EV-2 Datasheet HTML 16Page - Cirrus Logic EV-2 Datasheet HTML 17Page - Cirrus Logic EV-2 Datasheet HTML 18Page - Cirrus Logic EV-2 Datasheet HTML 19Page - Cirrus Logic EV-2 Datasheet HTML 20Page - Cirrus Logic EV-2 Datasheet HTML 21Page - Cirrus Logic EV-2 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
Rev. 2.1
18
CobraNet™ EV-2
Configuring the FPGA
The FPGA is configured from data that is stored in the upper 16kbytes (0xC000-0xFFFF) of
the microcontroller’s Flash Program Memory. The microncontroller code for configuring the
FPGA uses express mode which writes byte-wide data to the FPGA. Refer to the Xilinx
Spartan XL family data sheet for more information on the express mode configuration
operation. The address used for writing configuration data is 0x8800.
Functional Discussion of FPGA Operation
Routing of Audio Data
The routing of audio data is achieved by a simple 8 to 1 multiplexing operation; for each
audio destination three data bits in an a register in the FPGA select the source. For
example, the three data bits in the D/A audio routing register determine which audio
source is selected to appear at the analog outputs (J401). Table 7 on page 18 shows the
definition of the data bits and the respective audio source.
microcontroller data bit
AD2
AD1
AD0
Audio Source
000
CM SSI 0
001
CM SSI 1
010
CM SSI 2
011
CM SSI 3
100
ADC
1
0
1
AES3 Input
1
1
0
ADC (low latency, Rev D only)
Otherwise same as ADC above.
111
Sine wave
Table 7: Definition of Audio Routing Register Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com