Electronic Components Datasheet Search
  English  ▼

X  

EV-2 Datasheet(PDF) 19 Page - Cirrus Logic

Part # EV-2
Description  Digital Audio Networking Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

EV-2 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button EV-2 Datasheet HTML 15Page - Cirrus Logic EV-2 Datasheet HTML 16Page - Cirrus Logic EV-2 Datasheet HTML 17Page - Cirrus Logic EV-2 Datasheet HTML 18Page - Cirrus Logic EV-2 Datasheet HTML 19Page - Cirrus Logic EV-2 Datasheet HTML 20Page - Cirrus Logic EV-2 Datasheet HTML 21Page - Cirrus Logic EV-2 Datasheet HTML 22Page - Cirrus Logic EV-2 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
CobraNet™ EV-2
19
Rev. 2.1
Sine Wave Generator
The FPGA contains a 32-sample, 24-bit, sine table. The table is stepped through at the
sample clock rate so the resulting fundamental frequency is 48kHz / 32 samples =
1500Hz and 3000Hz at 96kHz. Limited control over frequency and gain is provided.
Listed below are the values to write to the frequency and gain registers in the FPGA.
Frequency register data bits
AD3
AD2
AD1
AD0
Frequency
48kHz sample rate
(96kHz sample rate)
0
0
0
1
1.5 kHz (3.0 kHz)
0
0
1
0
3.0 kHz (6.0 kHz)
0
0
1
1
4.5 kHz (9.0 kHz)
0
1
0
0
6.0 kHz (12.0 kHz)
0
1
0
1
7.5 kHz (15.0 kHz)
0
1
1
0
9.0 kHz (18.0 kHz)
0
1
1
1
10.5 kHz (21.0 kHz)
1
0
0
0
12.0 kHz (24.0 kHz)
Table 8: Sine Wave Frequency Register Bit Definitions
Gain register data bits
AD1
AD0
Gain
00
0dB
0
1
-6dB
1
0
-12dB
1
1
-18dB
Table 9: Sine Wave Gain Register Bit Definitions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com