Electronic Components Datasheet Search
  English  ▼

X  

TP613 Datasheet(PDF) 1 Page - Highly Electric Co., Ltd

Part # TP613
Description  PUSH SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

TP613 Datasheet(HTML) 1 Page - Highly Electric Co., Ltd

  TP613 Datasheet HTML 1Page - Highly Electric Co., Ltd TP613 Datasheet HTML 2Page - Highly Electric Co., Ltd TP613 Datasheet HTML 3Page - Highly Electric Co., Ltd TP613 Datasheet HTML 4Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.highlyelec.com.tw
4
Color
VR
IF
Recommended
Operating Current
VF
Nor
Max
Red
DC 5V 20mA
20mA
1.7V
2.4V
Green DC 5V 20mA
20mA
1.9V
2.4V
Yellow DC 5V 20mA
20mA
1.9V
2.4V
Blue
DC 5V 20mA
20mA
3.0V
3.6V
White
DC 5V 20mA
20mA
3.0V
3.6V
TP 613 SERIES
» LED Specifications
» Specifications
» Features
For the specification about the other LEDs, please
contact with sales department
Rating
0.1A 30VDC
Insulation Resistance
100MΩ Min (at 500 VDC)
Dielectric Strength
AC 500V (50/60 Hz for 1 minute)
Contact Resistance
50mΩ Max. (Initial)
Electrically Life
10,000 Cycles Min
Ambient Temperature
-10°C~ +80°C
Operating Force
150 ± 100gf (Momentary)
250 ± 100gf (Alternate)
200 ± 100gf (Momentary With Click)
• Precise design terminal type adequate for DIP IC pitch size (multiple of
2.54mm).
• Epoxy sealing treatment, free of flux entry.
• Several LED colors options.
• Operating switches in all types of electronic equipment such as audio
apparatus, office equipment, communications apparatus, TV sets, VCRs,
etc.
» Applications
FUNCTION
A Non- LED Alternate
B Non - LED Momentary
C Non - LED Momentary with click
AL LED Alternate
BL LED Momentary
CL LED Momentary with click
TP 613
LED COLOR
1
Red
2
Yellow
3
Green
4
Blue
5
White
6
Pure Green
8
Amber
9
Blue Green
10
Pink
011
Purple
12
Red/Yellow
13
Red/Green
14
Red/Blue
23
Yellow/Green
48
Blue/Amber
52
White/Yellow
58
White/Amber
- Non- LED
» Product selection


Similar Part No. - TP613

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TP6130LS6-A TECHPUBLIC-TP6130LS6-A Datasheet
4Mb / 7P
1.2A, 30V Input Synchronous Step Down Regulator
More results

Similar Description - TP613

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESB-6425 PANASONIC-ESB-6425 Datasheet
66Kb / 2P
Push Switches/ESB64
logo
List of Unclassifed Man...
D16-LMT1-2AB ETC-D16-LMT1-2AB Datasheet
166Kb / 4P
Push Button Switches
D16-LAS1-1AB ETC2-D16-LAS1-1AB Datasheet
166Kb / 4P
Push Button Switches
logo
Panasonic Semiconductor
ESB30B132 PANASONIC-ESB30B132 Datasheet
279Kb / 7P
Push Switches
logo
Littelfuse
9095 LITTELFUSE-9095 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
9187 LITTELFUSE-9187 Datasheet
249Kb / 1P
PUSH-BUTTON SWITCHES
2016 Rev: 120116
logo
Highly Electric Co., Lt...
PB6131 HIGHLY-PB6131 Datasheet
1,023Kb / 2P
PUSH SWITCHES
PB6131ARFIL-1-WS-1 HIGHLY-PB6131ARFIL-1-WS-1 Datasheet
1Mb / 3P
PUSH SWITCHES
PB6131FAF-L1-101 HIGHLY-PB6131FAF-L1-101 Datasheet
2Mb / 5P
PUSH SWITCHES
TP6041 HIGHLY-TP6041 Datasheet
969Kb / 2P
PUSH SWITCHES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com