Electronic Components Datasheet Search
  English  ▼

X  

TP613 Datasheet(PDF) 3 Page - Highly Electric Co., Ltd

Part # TP613
Description  PUSH SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

TP613 Datasheet(HTML) 3 Page - Highly Electric Co., Ltd

  TP613 Datasheet HTML 1Page - Highly Electric Co., Ltd TP613 Datasheet HTML 2Page - Highly Electric Co., Ltd TP613 Datasheet HTML 3Page - Highly Electric Co., Ltd TP613 Datasheet HTML 4Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.highlyelec.com.tw
6
TP 613 SERIES
» Product selection
» Specifications
Color
VR
IF
Recommended
Operating Current
VF
Nor
Max
Red
DC 5V 20mA
20mA
1.7V
2.4V
Green DC 5V 20mA
20mA
1.9V
2.4V
Yellow DC 5V 20mA
20mA
1.9V
2.4V
Blue
DC 5V 20mA
20mA
3.0V
3.6V
White
DC 5V 20mA
20mA
3.0V
3.6V
For the specification about the other LEDs, please
contact with sales department
» LED Specifications
» Features
Rating
0.1A 30VDC
Insulation Resistance
100MΩ Min (at 500 VDC)
Dielectric Strength
AC 500V (50/60 Hz for 1 minute)
Contact Resistance
50mΩ Max. (Initial)
Electrically Life
10,000 Cycles Min
Ambient Temperature
-10°C~ +80°C
Operating Force
150 ± 100gf (Momentary)
250 ± 100gf (Alternate)
200 ± 100gf (Momentary With Click)
LED COLOR
1
Red
2
Yellow
3
Green
4
Blue
5
White
6
Pure Green
8
Amber
9
Blue Green
10
Pink
011
Purple
12
Red/Yellow
13
Red/Green
14
Red/Blue
23
Yellow/Green
48
Blue/Amber
52
White/Yellow
58
White/Amber
- Non-LED
FUNCTION
ARF Non- LED Alternate
BRF Non - LED Momentary with click
ARFL LED Alternate
BRFL LED Momentary with click
• Precise design terminal type adequate for DIP IC pitch size (multiple of
2.54mm).
• Epoxy sealing treatment, free of flux entry.
• Several LED colors options.
• Side-actuated with right angle terminal.
• Operating switches in all types of electronic equipment such as
audioapparatus, office equipment, communications apparatus, TV sets,
VCRs, etc.
» Applications
TP 613



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com