Electronic Components Datasheet Search
  English  ▼

X  

VT16 Datasheet(PDF) 2 Page - Highly Electric Co., Ltd

Part # VT16
Description  SNAP ACTION SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

VT16 Datasheet(HTML) 2 Page - Highly Electric Co., Ltd

  VT16 Datasheet HTML 1Page - Highly Electric Co., Ltd VT16 Datasheet HTML 2Page - Highly Electric Co., Ltd VT16 Datasheet HTML 3Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
B11
Design, specifications are subject to change without notice.
HIGHLY
SNAP ACTION SWITCH
300g.
RF
min
30g
PT
max..
1.5 mm
OT
min.
0.8 mm
MD
max.
0.4 mm
OP
14.7±0.4 mm
OF
max.
300g
RF
min.
20g
PT
max.
1.8 mm
OT
min.
0.6 mm
MD
max.
0.5 mm
OP
15.2±0.6 mm
OF
max.
160g
RF
min.
10g
PT
max.
3.4 mm
OT
min.
1.8 mm
MD
max.
1.2 mm
OP
15.2±1.5 mm
OF
max.
80g
RF
min.
5g
PT
max.
8.0 mm
OT
min.
3.0 mm
MD
max.
2.2 mm
OP
15.2±2.6 mm
Operating Characteristics
Unit: mm
VT1600
VT1601
VT1602
VT1603
OF
max
Item
Operating Characteristics
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com