Electronic Components Datasheet Search
  English  ▼

X  

VT16 Datasheet(PDF) 3 Page - Highly Electric Co., Ltd

Part # VT16
Description  SNAP ACTION SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIGHLY [Highly Electric Co., Ltd]
Direct Link  https://www.highly-elec.com/
Logo HIGHLY - Highly Electric Co., Ltd

VT16 Datasheet(HTML) 3 Page - Highly Electric Co., Ltd

  VT16 Datasheet HTML 1Page - Highly Electric Co., Ltd VT16 Datasheet HTML 2Page - Highly Electric Co., Ltd VT16 Datasheet HTML 3Page - Highly Electric Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B12
Design, specifications are subject to change without notice.
HIGHLY
SNAP ACTION SWITCH
Operating Characteristics
Unit: mm
VT1604
VT1605
VT1606
OF
max.
160g
RF
min.
10g
PT
max.
3.4 mm
OT
min.
1.8 mm
MD
max.
1.2 mm
OP
18.7±1.2 mm
OF
max.
300g
RF
min.
30g
PT
max.
15 mm
OT
min.
0.8 mm
MD
max.
0.4 mm
OP
20.7±0.6 mm
OF
max.
160g
RF
min.
10g
PT
max.
3.4 mm
OT
min.
1.8 mm
MD
max.
1.2 mm
OP
20.7±1.5 mm
Item
Operating Characteristics
Dimensions



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com