Electronic Components Datasheet Search
  English  ▼

X  

PLT5510 Datasheet(PDF) 1 Page - ams AG

Part # PLT5510
Description  Green Laser Diode in TO56 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PLT5510 Datasheet(HTML) 1 Page - ams AG

  PLT5510 Datasheet HTML 1Page - ams AG PLT5510 Datasheet HTML 2Page - ams AG PLT5510 Datasheet HTML 3Page - ams AG PLT5510 Datasheet HTML 4Page - ams AG PLT5510 Datasheet HTML 5Page - ams AG PLT5510 Datasheet HTML 6Page - ams AG PLT5510 Datasheet HTML 7Page - ams AG PLT5510 Datasheet HTML 8Page - ams AG PLT5510 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PLT5 510
1 Version 1.7 | 2021-06-23
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
PLT5 510
Metal Can® TO56
Green Laser Diode in TO56 Package
—
—
Health Monitoring (Heart Rate Monitoring,
Pulse Oximetry)
—
—
Measurement Levelling
—
—
Projection Home LED & Laser
—
—
Projection Professional LED & Laser
—
—
Stage Lighting (LED & Laser)
Features:
—
—
Optical output power (continuous wave): 10 mW (T
C = 25°C)
—
—
Typical emission wavelength: 515 nm
—
—
Efficient radiation source for cw and pulsed operation
—
—
Single mode semiconductor laser
—
—
High modulation bandwidth
—
—
TO56 package with photo diode
Ordering Information
Type
Peak output power
Ordering Code
typ.
P
opt
PLT5 510
10 mW
Q65111A6310


Similar Part No. - PLT5510

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
More results

Similar Description - PLT5510

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PLTB450B OSRAM-PLTB450B Datasheet
631Kb / 7P
Blaue Laser Diode 1.6 W in TO56 Bauform
PLT5450B OSRAM-PLT5450B Datasheet
369Kb / 9P
Blue Laser Diode in TO56 Package
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
Blue-Cyan Laser Diode in TO56 Package
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-510 OSRAM-PLT5-510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
logo
ams AG
SPLTR85 AMSCO-SPLTR85 Datasheet
1Mb / 13P
Metal Can® TO56 Infrared Laser Diode in TO56 Package
Version 0.2 2018-11-26
logo
OSRAM GmbH
SPLTR85 OSRAM-SPLTR85_V01 Datasheet
1Mb / 13P
Infrared Laser Diode in TO56 Package
Version 0.2 - 2018-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com