Electronic Components Datasheet Search
  English  ▼

X  

PLT5510 Datasheet(PDF) 4 Page - ams AG

Part # PLT5510
Description  Green Laser Diode in TO56 Package
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PLT5510 Datasheet(HTML) 4 Page - ams AG

  PLT5510 Datasheet HTML 1Page - ams AG PLT5510 Datasheet HTML 2Page - ams AG PLT5510 Datasheet HTML 3Page - ams AG PLT5510 Datasheet HTML 4Page - ams AG PLT5510 Datasheet HTML 5Page - ams AG PLT5510 Datasheet HTML 6Page - ams AG PLT5510 Datasheet HTML 7Page - ams AG PLT5510 Datasheet HTML 8Page - ams AG PLT5510 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PLT5 510
4 Version 1.7 | 2021-06-23
Wavelength Groups
P
opt = 10 mW; Tcase = 25°C
Group
Peak wavelength 8)
Peak wavelength 8)
min.
max.
λ
peak
λ
peak
B1
510 nm
515 nm
B2
515 nm
520 nm
B3
520 nm
530 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com