Electronic Components Datasheet Search
  English  ▼

X  

SFH7016 Datasheet(PDF) 22 Page - ams AG

Part # SFH7016
Description  Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7016 Datasheet(HTML) 22 Page - ams AG

Back Button SFH7016 Datasheet HTML 15Page - ams AG SFH7016 Datasheet HTML 16Page - ams AG SFH7016 Datasheet HTML 17Page - ams AG SFH7016 Datasheet HTML 18Page - ams AG SFH7016 Datasheet HTML 19Page - ams AG SFH7016 Datasheet HTML 20Page - ams AG SFH7016 Datasheet HTML 21Page - ams AG SFH7016 Datasheet HTML 22Page - ams AG SFH7016 Datasheet HTML 23Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
SFH 7016
DATASHEET
DATASHEET
22 | Version 1.5 | 2022-04-12
Revision History
Version
Date
Change
1.0
2019-07-08
Initial Version
1.1
2019-09-27
Characteristics
Glossary
1.2
2020-08-06
New Layout
Schematic Transportation Box
Dimensions of Transportation Box
1.3
2021-05-27
Features
1.4
2021-11-17
Characteristics
Electro - Optical Characteristics (Diagrams)
1.5
2022-04-12
Characteristics
Derating (Diagrams)
New Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com