Electronic Components Datasheet Search
  English  ▼

X  

SFH7016 Datasheet(PDF) 3 Page - ams AG

Part # SFH7016
Description  Green (530 nm), Red (655 nm) and Infrared (940 nm) Emitter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

SFH7016 Datasheet(HTML) 3 Page - ams AG

  SFH7016 Datasheet HTML 1Page - ams AG SFH7016 Datasheet HTML 2Page - ams AG SFH7016 Datasheet HTML 3Page - ams AG SFH7016 Datasheet HTML 4Page - ams AG SFH7016 Datasheet HTML 5Page - ams AG SFH7016 Datasheet HTML 6Page - ams AG SFH7016 Datasheet HTML 7Page - ams AG SFH7016 Datasheet HTML 8Page - ams AG SFH7016 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
SFH 7016
DATASHEET
DATASHEET
3 | Version 1.5 | 2022-04-12
Ordering Information
Type
Brightness 1)2)
Ordering Code
● infrared (940 nm)
● I
e = 1.65 ... 4.05 mW/sr (IF = 20 mA)
Q65112A7849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com