Electronic Components Datasheet Search
  English  ▼

X  

TMD3719 Datasheet(PDF) 2 Page - ams AG

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3719 Datasheet(HTML) 2 Page - ams AG

  TMD3719 Datasheet HTML 1Page - ams AG TMD3719 Datasheet HTML 2Page - ams AG TMD3719 Datasheet HTML 3Page - ams AG TMD3719 Datasheet HTML 4Page - ams AG TMD3719 Datasheet HTML 5Page - ams AG TMD3719 Datasheet HTML 6Page - ams AG TMD3719 Datasheet HTML 7Page - ams AG TMD3719 Datasheet HTML 8Page - ams AG TMD3719 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
Datasheet, Public
Page 1
[v2-00] 2023-Jan-12
Document Feedback
TMD3719
ALS/Color and Proximity Sensor
The TMD3719 features ambient light and color (RGB) sensing,
flicker detection and proximity detection. The device integrates
three IR VCSELs and an advanced VCSEL driver within a
low-profile 6.35mm x 3.00mm x 1.00mm package.
The ambient light and color sensing function provides six
concurrent ambient light sensing channels: Red, Green, Blue,
Clear, Leakage and Wideband. The RGBL and Clear channels
have a UV/IR blocking filter. This architecture accurately
measures ambient light and enables the calculation of
illuminance, chromaticity, and color temperature to manage
display appearance.
The device integrates direct detection of ambient light flicker
for 4 selectable frequency bins. Flicker detection is executed in
parallel with ambient light and color sensing. The flicker
detection engine can also buffer data for calculating other
flicker frequencies externally.
The proximity function synchronizes IR emission and detection
to sense nearby objects. The architecture of the engine features
self-maximizing dynamic range, ambient light subtraction,
advanced crosstalk cancelation, and interrupt-driven I²C
communication. Sensitivity, power consumption, and noise can
be optimized with adjustable IR VCSEL timing and power. The
proximity engine recognizes detect/release events and
produces a configurable interrupt whenever the proximity
result crosses upper or lower threshold settings.
Ordering Information and Content Guide appear at end of
datasheet.
Key Benefits & Features
The benefits and features of TMD3719 are listed below:
Figure 1:
Added Value of Using TMD3719
Benefits
Features
• Improved Lux Accuracy for ALS Behind OLED
• High Sensitivity
• Leakage Channel
• Minimized Display Distortion for Proximity
Behind OLED
• Proximity Function Synchronized with Display
• Multiple VCSEL Emitters to Lower the Optical Power
Density
General Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com