Electronic Components Datasheet Search
  English  ▼

X  

TMD3719 Datasheet(PDF) 39 Page - ams AG

Part # TMD3719
Description  ALS/Color and Proximity Sensor
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TMD3719 Datasheet(HTML) 39 Page - ams AG

Back Button TMD3719 Datasheet HTML 35Page - ams AG TMD3719 Datasheet HTML 36Page - ams AG TMD3719 Datasheet HTML 37Page - ams AG TMD3719 Datasheet HTML 38Page - ams AG TMD3719 Datasheet HTML 39Page - ams AG TMD3719 Datasheet HTML 40Page - ams AG TMD3719 Datasheet HTML 41Page - ams AG TMD3719 Datasheet HTML 42Page - ams AG TMD3719 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 95 page
background image
Page 38
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-12
TMD3719 − Register O ver view
Figure 42:
ATIME
Note(s):
1. Return to the Register Map (0x84)
Figure 43:
ASTEP
Note(s):
1. Return to the Register Map (0x85, 0x86)
Addr: 0x84
ATIME
Bit
Field
Reset
Type
Bit Description
7:0
ATIME
0x00
R/W
ALS Integration Time. Sets the number of
ALS/color integration steps from 1 to 256.
VALUE
INTEGRATION TIME
0ASTEP
nASTEP × (n+1)
255
256 × ASTEP
Bits
Addr
Field
Reset
Type
Description
7:0
0x85
ASTEP
0xFF
R/W
ALS Integration Time Step Size. Sets the
integration time per step in increments of
2.7127μs. The default value is 1023. Type is
read/write.
15:8
0x86
0x03
R/W
VALUE
STEP SIZE
02.71μs
n
2.7127μs × (n+1)
1023
2.78ms
18431
50ms
65535
178ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com