Electronic Components Datasheet Search
  English  ▼

X  

1.8GD Datasheet(PDF) 1 Page - Bivar, Inc.

Part # 1.8GD
Description  1.8mm Package Discrete LED GREEN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

1.8GD Datasheet(HTML) 1 Page - Bivar, Inc.

  1.8GD Datasheet HTML 1Page - Bivar, Inc. 1.8GD Datasheet HTML 2Page - Bivar, Inc. 1.8GD Datasheet HTML 3Page - Bivar, Inc. 1.8GD Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/08
Page 1 of 4
1.8GX
♦
1.8mm Small Footprint Package
♦
RoHS Compliant
♦
Water Clear (C) and Diffused (D) Lenses
♦
Available in a Shouldered Lead Frame style
♦
Ideal for Status Indication and Display
♦
Recommended for Bivar H-381C and H-485C holder
assemblies
Part Number
Material
Emitted Color
Peak. Wavelength
λp(nm) TYP.
Lens Appearance
Viewing Angle
1.8GC
GaP/GaP
GREEN
568nm
Water Clear
35°
1.8GD
Green Diffused
50°
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 1
Outline Dimensions
Outline Drawings Notes:
1. All dimensions are in inches [millimeters].
2. Standard tolerance: ±0.010" unless otherwise noted.
3. Tolerance of overall epoxy outline: ±0.020" unless otherwise noted.
4. Epoxy meniscus may extend to 0.060" max.
Part Number Designation
1 . 8 X X
LED Dome, mm
Emitted Color
Lens Appearance
1.8mm Package Discrete LED
GREEN
Bivar 1.8mm Package LED may be used in almost any Application where smaller indication lights are
required. Bivar offers water clear LED lens for maximum light output and diffused LED lens for uniform
light output, The Shouldered Lead frame LED has a built in strain relief feature which is ideal for Right
Angle Holder assemblies that require lead bends.


Similar Part No. - 1.8GD

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
1.8GDL BIVAR-1.8GDL Datasheet
913Kb / 4P
1.8mm Package Discrete LED GREEN, Low Current
Revision A 03/08
More results

Similar Description - 1.8GD

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
1.8AX BIVAR-1.8AX Datasheet
928Kb / 4P
1.8mm Package Discrete LED AMBER
Revision A 03/08
1.8BWX BIVAR-1.8BWX Datasheet
925Kb / 4P
1.8mm Package Discrete LED BLUE
Revision A 03/08
1.8GXL BIVAR-1.8GXL Datasheet
913Kb / 4P
1.8mm Package Discrete LED GREEN, Low Current
Revision A 03/08
1.8HX BIVAR-1.8HX Datasheet
925Kb / 4P
1.8mm Package Discrete LED RED
Revision A 03/08
1.8HXL BIVAR-1.8HXL Datasheet
912Kb / 4P
1.8mm Package Discrete LED RED, Low Current
Revision A 03/08
1.8RX BIVAR-1.8RX Datasheet
396Kb / 4P
1.8mm Package Discrete LED RED
Revision A 08/12
1.8YX BIVAR-1.8YX Datasheet
926Kb / 4P
1.8mm Package Discrete LED YELLOW
Revision A 03/08
1.8YXL BIVAR-1.8YXL Datasheet
916Kb / 4P
1.8mm Package Discrete LED YELLOW, Low Current
Revision A 03/08
3EGC2.030X BIVAR-3EGC2.030X Datasheet
405Kb / 5P
3mm (T1) Package Discrete LED EMERALD GREEN
Revision B 06/15
3GX-X BIVAR-3GX-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED GREEN
Revision E 08/19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com