Electronic Components Datasheet Search
  English  ▼

X  

1.8GD Datasheet(PDF) 2 Page - Bivar, Inc.

Part # 1.8GD
Description  1.8mm Package Discrete LED GREEN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

1.8GD Datasheet(HTML) 2 Page - Bivar, Inc.

  1.8GD Datasheet HTML 1Page - Bivar, Inc. 1.8GD Datasheet HTML 2Page - Bivar, Inc. 1.8GD Datasheet HTML 3Page - Bivar, Inc. 1.8GD Datasheet HTML 4Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Power Dissipation
80 mW
Forward Current ( DC )
30 mA
Peak Forward Current 1
150 mA
Reverse Voltage
5 V
Operating Temperature Range
-25 ~ +85°C
Storage Temperature Range
-30 ~ +100°C
Lead Soldering Temperature ( 3 mm from the base of the epoxy bulb ) 2
260°C
Notes: 1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
2. Solder time less than 5 seconds at temperature extreme.
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision A 03/08
Page 2 of 4
Electrical / Optical Characteristics
TA = 25°C & IF = 20 mA unless otherwise noted
Notes: 1. Tolerance of forward voltage : ±0.05V.
2. Tolerance of dominant wavelength : ±1.0nm.
Part Number
Forward
Voltage (V)1
Recommend
Forward
Current (mA)
Reverse
Current
(μA)
Dominant
Wavelength (nm)2
Luminous
Intensity Iv (mcd)
Viewing
Angle
2 Ө ½
(deg)
MIN TYP MAX MIN TYP MAX
MAX
MIN
TYP MAX MIN
TYP MAX
TYP
1.8GC
/
2.1
2.8
/
20
/
100
/
/
/
/
30
/
35
1.8GD
/
/
/
/
20
/
50
Bivar reserves the right to make changes at any time without notice.
1.8mm Package Discrete LED
GREEN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com