Electronic Components Datasheet Search
  English  ▼

X  

1802F Datasheet(PDF) 1 Page - Belden Inc.

Part # 1802F
Description  Audio Snake, 2 PR 24 AWG TC, CMG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1802F Datasheet(HTML) 1 Page - Belden Inc.

  1802F Datasheet HTML 1Page - Belden Inc. 1802F Datasheet HTML 2Page - Belden Inc. 1802F Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 1802F
Audio Snake, 2 PR 24 AWG TC, CMG
Product Description
Audio Snake, 2 PR 24 AWG TC stranded (7x32), FHDPE insulation, individually bonded, shielded and jacketed pairs with overall shield plus drain wire, CMG
rating, PVC jacket with rip cord.
Technical Specifications
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
Nominal Diameter No. of Pairs
24
7x32
TC - Tinned Copper 0.024 in
2
Conductor Count:
4
Total Number of Pairs:
2
Insulation
Material
Material Trade Name Nominal Diameter Nominal Wall Thickness
PE - Polyethylene (Foam) Datalene®
0.068 in
0.022 in
Color Chart
Number
Color
1
Brown and Numbered 1
2
Red and Numbered 2
Inner Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire Diameter Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
TC - Tinned Copper 0.024 in
24
Stranded
Table Notes:
Indiv. Foil tapes bonded to inner jacket
Inner Jacket
Material
Nominal Diameter Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.167 in
0.014 in
Outer Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire Diameter Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
TC - Tinned Copper 0.060 in
16
Stranded
Outer Jacket
Material
Nominal Diameter Nominal Wall Thickness Ripcord
PVC - Polyvinyl Chloride 0.409 in
0.034 in
Yes
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR Nominal Conductor DCR Conductor Resistance
23.7 Ohm/1000ft
23.7 Ohm/1000ft
Capacitance


Similar Part No. - 1802F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1802FX STMICROELECTRONICS-1802FX Datasheet
109Kb / 8P
High voltage NPN Power transistor for standard Definition CRT display
02-Aug-2006
More results

Similar Description - 1802F

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9729ZH BELDEN-9729ZH Datasheet
157Kb / 2P
Electronic, 2 Pr #24 Str TC, PO Ins, OSTC Brd, LSZH Jkt, CMG
05-05-2023
1427B BELDEN-1427B Datasheet
179Kb / 3P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded
11-09-2022
1512C BELDEN-1512C Datasheet
186Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CM
01-20-2023
1803F BELDEN-1803F Datasheet
156Kb / 2P
Audio Snake Cable, #24-4pr, TC, Indiv. Shielded, CMG
01-20-2023
1805F BELDEN-1805F Datasheet
155Kb / 2P
Audio Snake Cable, #24-8pr, TC, Indiv. Shielded, CMG
01-20-2023
1806F BELDEN-1806F Datasheet
227Kb / 2P
Audio Snake Cable, #24-12pr, TC, Indiv. Shielded, CMG
01-20-2023
1801BD BELDEN-1801BD Datasheet
172Kb / 3P
Audio Snake Cable, 2 Pair 24 AWG, TC, Individually Shielded, CMP
11-09-2022
1802B BELDEN-1802B Datasheet
171Kb / 4P
Audio Cable, 2 Pair 24 AWG, TC, CMR
12-19-2022
1850F BELDEN-1850F Datasheet
238Kb / 4P
Audio Snake Cable, 16 Pr #24 Str TC, Indiv. Shielded and Jacketed, O/A Foil,Flexible PVC Jkt, CMG
12-19-2022
1852F BELDEN-1852F Datasheet
238Kb / 4P
Audio Snake Cable, #24-24pr, TC, Indiv. Shielded, CMG
12-20-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com