Electronic Components Datasheet Search
  English  ▼

X  

1802F Datasheet(PDF) 2 Page - Belden Inc.

Part # 1802F
Description  Audio Snake, 2 PR 24 AWG TC, CMG
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

1802F Datasheet(HTML) 2 Page - Belden Inc.

  1802F Datasheet HTML 1Page - Belden Inc. 1802F Datasheet HTML 2Page - Belden Inc. 1802F Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
12 pF/ft
26 pF/ft
Inductance
Nominal Inductance
0.18 µH/ft
Impedance
Nominal Characteristic Impedance
110 Ohm
High Frequency (Nominal/Typical)
Frequency [MHz] Nom. Insertion Loss
0.384 MHz
0.69 dB/100ft
0.7056 MHz
0.93 dB/100ft
0.768 MHz
0.96 dB/100ft
1.024 MHz
1.07 dB/100ft
1.4112 MHz
1.19 dB/100ft
1.536 MHz
1.21 dB/100ft
2.048 MHz
1.31 dB/100ft
2.8224 MHz
1.41 dB/100ft
3.072 MHz
1.45 dB/100ft
4.096 MHz
1.57 dB/100ft
5.6448 MHz
1.76 dB/100ft
6.144 MHz
1.83 dB/100ft
8.192 MHz
2.01 dB/100ft
11.2896 MHz
2.24 dB/100ft
12.288 MHz
2.3 dB/100ft
24.576 MHz
3.08 dB/100ft
Delay
Nominal Velocity of Propagation (VP) [%]
76%
High Frequency
Frequency [MHz]
0.384 MHz
0.7056 MHz
0.768 MHz
1.024 MHz
1.4112 MHz
1.536 MHz
2.048 MHz
2.8224 MHz
3.072 MHz
4.096 MHz
5.6448 MHz
6.144 MHz
8.192 MHz
11.2896 MHz
12.288 MHz
24.576 MHz
Current
Max. Recommended Current [A]
2.75 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V RMS
Temperature Range
UL Temp Rating:
60°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com