Electronic Components Datasheet Search
  English  ▼

X  

LST776 Datasheet(PDF) 1 Page - ams AG

Part # LST776
Description  TOPLED® Reverse Gullwing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LST776 Datasheet(HTML) 1 Page - ams AG

  LST776 Datasheet HTML 1Page - ams AG LST776 Datasheet HTML 2Page - ams AG LST776 Datasheet HTML 3Page - ams AG LST776 Datasheet HTML 4Page - ams AG LST776 Datasheet HTML 5Page - ams AG LST776 Datasheet HTML 6Page - ams AG LST776 Datasheet HTML 7Page - ams AG LST776 Datasheet HTML 8Page - ams AG LST776 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LS T776
1 Version 1.2 | 2019-07-15
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LS T776
TOPLED® Reverse Gullwing
—
Electronic Equipment
Features:
—
Package: white SMT package, colorless clear resin
—
Chip technology: InGaAlP
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 633 nm (● super red)
—
Corrosion Robustness Class: 3B
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)


Similar Part No. - LST776

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LST776 OSRAM-LST776 Datasheet
434Kb / 19P
TOPLED RG
logo
Siemens Semiconductor G...
LST776-NR SIEMENS-LST776-NR Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
LST776-P SIEMENS-LST776-P Datasheet
346Kb / 7P
Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LST776-P2S1-1 OSRAM-LST776-P2S1-1 Datasheet
434Kb / 19P
TOPLED RG
More results

Similar Description - LST776

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLRK31R1R2-GS18 VISHAY-VLRK31R1R2-GS18 Datasheet
265Kb / 8P
Reverse Gullwing SMD LED Red
22-May-13
logo
HK TO-GRACE TECHNOLOGY ...
VLRK31R1S2 TO-GRACE-VLRK31R1S2 Datasheet
1,023Kb / 8P
Reverse Gullwing SMD LED Red
logo
Vishay Siliconix
VLRK31R1S2 VISHAY-VLRK31R1S2 Datasheet
231Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
VLRK31R1S2 VISHAY-VLRK31R1S2_V01 Datasheet
232Kb / 8P
Reverse Gullwing SMD LED Red
13-Aug-2018
logo
ams AG
SFH4246R AMSCO-SFH4246R Datasheet
1Mb / 17P
TOPLED® Reverse Gullwing Lens Infrared Emitter (940 nm) - 24 °
Version 1.1 2020-09-01
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com