Electronic Components Datasheet Search
  English  ▼

X  

LST776 Datasheet(PDF) 10 Page - ams AG

Part # LST776
Description  TOPLED® Reverse Gullwing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LST776 Datasheet(HTML) 10 Page - ams AG

Back Button LST776 Datasheet HTML 6Page - ams AG LST776 Datasheet HTML 7Page - ams AG LST776 Datasheet HTML 8Page - ams AG LST776 Datasheet HTML 9Page - ams AG LST776 Datasheet HTML 10Page - ams AG LST776 Datasheet HTML 11Page - ams AG LST776 Datasheet HTML 12Page - ams AG LST776 Datasheet HTML 13Page - ams AG LST776 Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LS T776
10 Version 1.2 | 2019-07-15
Dimensional Drawing 9)
GPLY6899
0...0.1 (0.004)
Cathode marking
3.0 (0.118)
2.6 (0.102)
2.3 (0.091)
2.1 (0.083)
2.1 (0.083)
1.7 (0.067)
0.6 (0.024)
0.4 (0.016)
1.0 (0.039)
0.9 (0.035)
A
C
Further Information
Approximate Weight:
34.0 mg
Package marking:
Cathode
Corrosion test:
Class: 3B
Test condition: 40°C / 90 % RH / 15 ppm H
2S / 14 days (stricter than IEC
60068-2-43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com