Electronic Components Datasheet Search
  English  ▼

X  

LSYT676 Datasheet(PDF) 3 Page - ams AG

Part # LSYT676
Description  Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT676 Datasheet(HTML) 3 Page - ams AG

  LSYT676 Datasheet HTML 1Page - ams AG LSYT676 Datasheet HTML 2Page - ams AG LSYT676 Datasheet HTML 3Page - ams AG LSYT676 Datasheet HTML 4Page - ams AG LSYT676 Datasheet HTML 5Page - ams AG LSYT676 Datasheet HTML 6Page - ams AG LSYT676 Datasheet HTML 7Page - ams AG LSYT676 Datasheet HTML 8Page - ams AG LSYT676 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LSY T676
DATASHEET
DATASHEET
3 | Version 1.2 | 2022-05-10
Ordering Information
Type
Brightness 1)
Ordering Code
LSY T676-P2R1-1-0+Q2S1-35
Q65110A2446
● super red
● I
v = 56 ... 140 mcd (IF = 20 mA)
Q65110A2446
● yellow
● I
v = 90 ... 224 mcd (IF = 20 mA)
Q65110A2446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24