Electronic Components Datasheet Search
  English  ▼

X  

LSYT676 Datasheet(PDF) 5 Page - ams AG

Part # LSYT676
Description  Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

LSYT676 Datasheet(HTML) 5 Page - ams AG

  LSYT676 Datasheet HTML 1Page - ams AG LSYT676 Datasheet HTML 2Page - ams AG LSYT676 Datasheet HTML 3Page - ams AG LSYT676 Datasheet HTML 4Page - ams AG LSYT676 Datasheet HTML 5Page - ams AG LSYT676 Datasheet HTML 6Page - ams AG LSYT676 Datasheet HTML 7Page - ams AG LSYT676 Datasheet HTML 8Page - ams AG LSYT676 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LSY T676
DATASHEET
DATASHEET
5 | Version 1.2 | 2022-05-10
Characteristics
I
F = 20 mA; TA = 25 °C
Parameter
Symbol
Values
Values
● super red
● yellow
Peak Wavelength
λ
peak
typ.
645 nm
588 nm
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
627 nm
630 nm
634 nm
583 nm
587 nm
592 nm
Spectral bandwidth at 50% I
rel,max
∆λ
typ.
16 nm
15 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
120 °
Forward Voltage 4)
I
F = 20 mA
V
F
min.
typ.
max.
1.80 V
2.00 V
2.30 V
1.90 V
2.00 V
2.40 V
Reverse current 2)
V
R = 12 V
I
R
max.
typ.
10 µA
0.01 µA
10 µA
0.01 µA
Temperature Coefficient of Peak Wavelength
TC
λpeak
typ.
0.14 nm / K
0.13 nm / K
Real thermal resistance junction/solderpoint 5)
1 chip on
R
thJS real
max.
340 K / W
340 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com