Electronic Components Datasheet Search
  English  ▼

X  

3BC Datasheet(PDF) 1 Page - Bivar, Inc.

Part # 3BC
Description  3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

3BC Datasheet(HTML) 1 Page - Bivar, Inc.

  3BC Datasheet HTML 1Page - Bivar, Inc. 3BC Datasheet HTML 2Page - Bivar, Inc. 3BC Datasheet HTML 3Page - Bivar, Inc. 3BC Datasheet HTML 4Page - Bivar, Inc. 3BC Datasheet HTML 5Page - Bivar, Inc. 3BC Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Bivar reserves the right to make changes at any time without notice.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision C 02/11
Page 1 of 6
3BC-X
♦
Industry Standard 3mm (T1) Package
♦
RoHS Compliant
♦
2-Lead Bi-Color LED
♦
White Diffused Lens
♦
Available in Flange (F) and Shouldered (Blank) Lead Frame
styles
♦
Ideal for Status Indication and Display
Part Number
Material
Emitted Color
Peak. Wavelength
λp(nm) TYP.
Lens Appearance
Viewing Angle
3BC-F
GaAsP/Gap
RED
625nm
White Diffused
Gap/Gap
GREEN
568nm
3BC
GaAsP/Gap
RED
625nm
Gap/Gap
GREEN
568nm
45°
3mm (T1) Package Discrete LED
RED/GREEN, Bi-Color
Part Number Designation
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
SENSITIVE DEVICES
RoHS Compliant
Moisture
Sensitivity
Levels 1
3mm (T1) Package Discrete LED
RED/GREEN, Bi-Color
3mm (T1) Package Discrete LED
RED/GREEN, Bi-Color
Bivar 3mm T1 Package 2-Lead Bi-Color LED is ideal for those applications where dual signals need to
be displayed at the same location such as standby-on indication for server or computer peripherals.
Bivar offers white diffused LED lens for uniform light output and the 2-lead package simplifies the cir-
cuitry design where a reverse voltage is available. The Flanged LED is ideal for Panel Mount Clip &
Ring assemblies and the Shouldered Lead frame LED has a built in strain relief feature which is ideal
for Right Angle Holder assemblies that require lead bends. A long lead version is also available with a
“-LL” suffix added to the part numbers.
3 B C - X
LED Body, mm
Red/Green Bi-Color
Lead Frame & Body Style
i.e. -F, Blank for Shouldered


Similar Part No. - 3BC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3BC BIVAR-3BC Datasheet
443Kb / 4P
STD PANEL MOUNT INDICATORS
09/15/06
3BC BIVAR-3BC Datasheet
487Kb / 4P
STD PANEL MOUNT INDICATORS W/ WIRES
02/05/08
3BC-3-CA-F BIVAR-3BC-3-CA-F Datasheet
585Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision A 03/08
3BC-3-F BIVAR-3BC-3-F Datasheet
525Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Tri-Color
Revision A 03/08
3BC-3-R/Y-F BIVAR-3BC-3-R/Y-F Datasheet
519Kb / 6P
3mm (T1) Package Discrete LED RED/YELLOW, Tri-Color
Revision A 03/08
More results

Similar Description - 3BC

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3BC-3-CA-F BIVAR-3BC-3-CA-F Datasheet
585Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision A 03/08
3BC-3-F BIVAR-3BC-3-F Datasheet
525Kb / 6P
3mm (T1) Package Discrete LED RED/GREEN, Tri-Color
Revision A 03/08
3BC-3-RY-F BIVAR-3BC-3-RY-F Datasheet
519Kb / 6P
3mm (T1) Package Discrete LED RED/YELLOW, Tri-Color
Revision A 03/08
3BC-3-YG-F BIVAR-3BC-3-YG-F Datasheet
478Kb / 5P
3mm (T1) Package Discrete LED YELLOW/GREEN, Tri-Color
Revision A 03/08
3BC-YG-X BIVAR-3BC-YG-X Datasheet
521Kb / 5P
3mm (T1) Package Discrete LED YELLOW/GREEN, Bi-Color
Revision B 03/09
3RX-X BIVAR-3RX-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED
Revision D 08/19
3RX5V-X BIVAR-3RX5V-X Datasheet
425Kb / 5P
3mm (T1) Package Discrete LED RED, 5V
Revision B 06/15
3SBC-X BIVAR-3SBC-X Datasheet
510Kb / 5P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision C 11/12
3SBCC-X BIVAR-3SBCC-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
Revision D 08/19
3URC-X BIVAR-3URC-X Datasheet
1Mb / 5P
3mm (T1) Package Discrete LED RED, Ultra Bright
Revision D 08/19
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com