Electronic Components Datasheet Search
  English  ▼

X  

3BC Datasheet(PDF) 3 Page - Bivar, Inc.

Part # 3BC
Description  3mm (T1) Package Discrete LED RED/GREEN, Bi-Color
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BIVAR [Bivar, Inc.]
Direct Link  https://www.bivar.com/
Logo BIVAR - Bivar, Inc.

3BC Datasheet(HTML) 3 Page - Bivar, Inc.

  3BC Datasheet HTML 1Page - Bivar, Inc. 3BC Datasheet HTML 2Page - Bivar, Inc. 3BC Datasheet HTML 3Page - Bivar, Inc. 3BC Datasheet HTML 4Page - Bivar, Inc. 3BC Datasheet HTML 5Page - Bivar, Inc. 3BC Datasheet HTML 6Page - Bivar, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3mm (T1) Package Discrete LEDs
AMBER
Absolute Maximum Ratings
TA = 25°C unless otherwise noted
Power Dissipation
80 mW
Forward Current ( DC )
30 mA
Peak Forward Current 1
150 mA
Operating Temperature Range
-25 ~ +85°C
Storage Temperature Range
-30 ~ +100°C
Lead Soldering Temperature ( 3 mm from the base of the epoxy bulb ) 2
260°C
Notes: 1. 10% Duty Cycle, Pulse Width ≤ 0.1 msec.
2. Solder time less than 5 seconds at temperature extreme.
Bivar reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Bivar, Inc. — 4 Thomas, Irvine, California 92618, U.S.A.
Phone: (949) 951-8808 Fax: (949) 951-3974 E-mail: bivar@bivar.com Web: www.bivar.com
Revision C 02/11
Page 3 of 6
Electrical / Optical Characteristics
TA = 25°C & IF = 20 mA unless otherwise noted
Notes: 1. Tolerance of forward voltage : ±0.05V.
2. Tolerance of dominant wavelength : ±1.0nm.
Bivar reserves the right to make changes at any time without notice.
3mm (T1) Package Discrete LED
AMBER
Part
Number
Emitted
Color
Forward
Voltage (V)1
Recommend
Forward
Current (mA)
Reverse
Current
(μA)
Dominant
Wavelength (nm)2
Luminous
Intensity Iv
(mcd)
Viewing
Angle
2 Ө ½
(deg)
MIN TYP MAX MIN TYP MAX
MAX
MIN
TYP MAX MIN TYP MAX
TYP
3BC-F
Red
/
2.0
2.8
/
20
/
100
/
/
/
3
6
15
45
Green
/
2.1
2.8
/
/
/
3
6
15
3BC
Red
/
2.0
2.8
/
20
/
100
/
/
/
3
6
15
Green
/
2.1
2.8
/
/
/
3
6
15
45
3mm (T1) Package Discrete LED
YELLOW/GREEN, Bi-Color
3mm (T1) Package Discrete LED
RED/GREEN, Bi-Color



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com