Electronic Components Datasheet Search
  English  ▼

X  

74LVC11 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 74LVC11
Description  Triple 3-input AND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC11 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  74LVC11 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
74LVC11
Triple 3-input AND gate
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
CI
input
capacitance
VCC = 0 V to 3.6 V; VI = GND to VCC
-
5.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 8.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
nA, nB, nC to nY; see Fig. 7
[2]
VCC = 1.2 V
-
14.0
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
4.7
12.2
1.0
14.1
ns
VCC = 2.3 V to 2.7 V
1.5
2.8
6.9
1.5
8.0
ns
VCC = 2.7 V
1.5
2.9
7.0
1.5
8.1
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.5
2.5
6.2
1.5
7.2
ns
per gate; VI = GND to VCC
[3]
VCC = 1.65 V to 1.95 V
-
3.1
-
-
-
pF
VCC = 2.3 V to 2.7 V
-
6.2
-
-
-
pF
CPD
power dissipation
capacitance
VCC = 3.0 V to 3.6 V
-
9.0
-
-
-
pF
[1] Typical values are measured at Tamb = 25 °C and VCC = 1.2 V, 1.8 V, 2.5 V, 2.7 V, and 3.3 V respectively.
[2] tpd is the same as tPLH and tPHL.
[3] CPD is used to determine the dynamic power dissipation (PD in μW).
PD = CPD x VCC2 x fi x N + Σ(CL x VCC2 x fo) where:
fi = input frequency in MHz; fo = output frequency in MHz
CL = output load capacitance in pF
VCC = supply voltage in Volts
N = number of inputs switching
Σ(CL × VCC2 x fo) = sum of the outputs
74LVC11
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 8 — 13 January 2020
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com