Electronic Components Datasheet Search
  English  ▼

X  

74LVC11 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74LVC11
Description  Triple 3-input AND gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC11 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74LVC11 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC11 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74LVC11
Triple 3-input AND gate
Rev. 8 — 13 January 2020
Product data sheet
1. General description
The 74LVC11 provides three 3-input AND functions.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74LVC11D
-40 °C to +125 °C
SO14
plastic small outline package; 14 leads;
body width 3.9 mm
SOT108-1
74LVC11PW
-40 °C to +125 °C
TSSOP14
plastic thin shrink small outline package;
14 leads; body width 4.4 mm
SOT402-1
74LVC11BQ
-40 °C to +125 °C
DHVQFN14 plastic dual in-line compatible thermal
enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 × 3 × 0.85 mm
SOT762-1


Similar Part No. - 74LVC11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC11 PHILIPS-74LVC11 Datasheet
87Kb / 10P
Triple 3-input AND gate
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC11-Q100 NEXPERIA-74LVC11-Q100 Datasheet
221Kb / 12P
Triple 3-input AND gate
Rev. 2 - 13 January 2020
74LVC11BQ-Q100 NEXPERIA-74LVC11BQ-Q100 Datasheet
221Kb / 12P
Triple 3-input AND gate
Rev. 2 - 13 January 2020
logo
NXP Semiconductors
74LVC11D PHILIPS-74LVC11D Datasheet
87Kb / 10P
Triple 3-input AND gate
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC11D-Q100 NEXPERIA-74LVC11D-Q100 Datasheet
221Kb / 12P
Triple 3-input AND gate
Rev. 2 - 13 January 2020
More results

Similar Description - 74LVC11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS15 MOTOROLA-SN54LS15 Datasheet
123Kb / 4P
TRIPLE 3-INPUT AND GATE
logo
NXP Semiconductors
74ALS11A PHILIPS-74ALS11A Datasheet
77Kb / 7P
Triple 3-Input AND gate
1991 Feb 08
logo
STMicroelectronics
M74HC11 STMICROELECTRONICS-M74HC11 Datasheet
177Kb / 8P
TRIPLE 3-INPUT AND GATE
Aug-2001
logo
Fairchild Semiconductor
DM74ALS11A FAIRCHILD-DM74ALS11A Datasheet
46Kb / 4P
Triple 3-Input AND Gate
logo
Hitachi Semiconductor
HD14073B HITACHI-HD14073B Datasheet
49Kb / 4P
Triple 3-input AND Gate
logo
Toshiba Semiconductor
TC74VHC11F TOSHIBA-TC74VHC11F_07 Datasheet
210Kb / 8P
Triple 3-Input AND Gate
logo
Texas Instruments
54F11 TI1-54F11 Datasheet
347Kb / 10P
Triple 3-Input AND Gate
logo
Toshiba Semiconductor
TC74AC11F TOSHIBA-TC74AC11F_12 Datasheet
244Kb / 7P
Triple 3-Input AND Gate
TC74VHC11F TOSHIBA-TC74VHC11F_12 Datasheet
193Kb / 7P
Triple 3-Input AND Gate
logo
Nexperia B.V. All right...
74HCT11-Q100 NEXPERIA-74HCT11-Q100 Datasheet
228Kb / 11P
Triple 3-input AND gate
Rev. 4 - 11 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com