Electronic Components Datasheet Search
  English  ▼

X  

74LVC163 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LVC163
Description  Presettable synchronous 4-bit binary counter; synchronous reset
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC163 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC163 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC163 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Nexperia
74LVC163
Presettable synchronous 4-bit binary counter; synchronous reset
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
ΔICC
additional
supply current
per input pin;
VCC = 2.7 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
5.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 14.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1] Max
Min
Max
Unit
CP to Qn; see Fig. 9
[2]
VCC = 1.2 V
-
18
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
7.4
14.5
1.5
16.7
ns
VCC = 2.3 V to 2.7 V
2.6
4.2
8.1
2.6
9.4
ns
VCC = 2.7 V
1.5
4.0
7.3
1.5
9.5
ns
VCC = 3.0 V to 3.6 V
1.5
3.8
7.3
1.5
9.5
ns
CP to TC; see Fig. 9
[2]
VCC = 1.2 V
-
23
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.9
8.5
15.7
1.9
18.1
ns
VCC = 2.3 V to 2.7 V
3.0
4.8
8.8
3.0
10.2
ns
VCC = 2.7 V
1.5
4.6
8.1
1.5
10.5
ns
VCC = 3.0 V to 3.6 V
1.5
4.3
7.9
1.5
10.0
ns
CET to TC; see Fig. 10
[2]
VCC = 1.2 V
-
16
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.3
12.7
1.5
14.6
ns
VCC = 2.3 V to 2.7 V
2.3
3.6
7.1
2.3
8.2
ns
VCC = 2.7 V
1.5
3.9
6.9
1.5
9.0
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.5
3.3
6.4
1.5
8.0
ns
CP HIGH or LOW; see Fig. 9
VCC = 1.65 V to 1.95 V
6.0
-
-
6.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
-
-
5.0
-
ns
VCC = 2.7 V
5.0
-
-
5.0
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
4.0
1.2
-
4.0
-
ns
74LVC163
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 7 — 19 April 2021
8 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com